Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2913
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2917/LTC2918
11
29178f
The reference input of the comparator is controlled by the
tolerance pin. The external resistive divider should make
the voltage at VM = 0.5V when the supply is at nominal
value. The actual threshold of VM accounts for the sup-
ply tolerance of ±1.5% guaranteed over the full operating
temperature range. The resulting tolerances are –6.5%,
–11.5%, –16.5% which correspond to 0.468V, 0.443V,
0.418V respectively.
Typically, the user will pick a value of R1 based on accept-
able current draw. Current used by the resistor divider will
be approximately:
R
V
I
1
05
= ⎛
⎝⎜
⎞
⎠⎟
.
Recommended range of R1 is 1k—1M. Higher values of
resistance exacerbate the degradation of threshold ac-
curacy due to leakage currents.
If the nominal value of the supply being monitored is
VNOM, then
R2 = R1(2VNOM – 1)
Resistor tolerances must be taken into account when
determining the overall accuracy.
Selecting the Reset Timing Capacitor
The reset timeout period can be set to one of two fixed
internal timers or set with a capacitor in order to accom-
modate a variety of applications. Connecting a capacitor,
CRT, between the RT pin and ground sets the reset timeout
period, tRST. The following formula approximates the value
of capacitor needed for a particular timeout:
CRT = tRST • 110 [pF/ms]
For example, using a standard capacitor value of 2.2nF
would give a 20ms timeout.
Figure 2 shows the desired reset timeout period as a
function of the value of the timer capacitor.
Leaving RT open with no external capacitor generates a
reset timeout of approximately 400μs. Shorting RT to VCC
generates a reset timeout of approximately 200ms.
⎯R⎯S⎯T Output Characteristics
The DC characteristics of the ⎯R⎯S⎯T pull-down strength
are shown in the Typical Performance Characteristics
section. ⎯R⎯S⎯T is an open-drain pin and thus requires an
external pull-up resistor to the logic supply. ⎯R⎯S⎯T may be
pulled above VCC, providing the voltage limits of the pin
are observed.
The open-drain of the ⎯R⎯S⎯T pin allows for wired-OR con-
nection of several LTC2917/LTC2918’s.
Watchdog
LTC2917-A/LTC2918-A
A standard watchdog function is used to ensure that the
system is in a valid state by continuously monitoring
the microprocessor’s activity. The microprocessor must
toggle the logic state of the WDI pin periodically (within
upper boundary) in order to clear the watchdog timer. If
timeout occurs, the LTC2917-A/LTC2918-A asserts ⎯R⎯S⎯T
low for the reset timeout period, issuing a system reset.
Once the reset timeout completes, ⎯R⎯S⎯T is released to go
high and the watchdog timer starts again.
During power-up, the watchdog timer remains cleared while
⎯R⎯S⎯T is asserted low. As soon as the reset timer times out,
⎯R⎯S⎯T goes high and the watchdog timer is started.
APPLICATIONS INFORMATION
Figure 2. Reset Timeout Period vs RT Capacitance
RT PIN CAPACITANCE, CRT (nF)
0.001
0.1
10
10000
0.1
0.01
1
10
100
1000
29178 F02
1
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com