Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2913
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC2917/LTC2918
12
29178f
LTC2917-B/LTC2918-B
For applications in which reliability is even more critical,
the LTC2917-B/LTC2918-B implements a windowed watch-
dog function by adding a lower boundary condition to the
standard watchdog function. If the WDI input receives a
falling edge prior to the watchdog lower boundary, the
part considers this a watchdog failure, and asserts ⎯R⎯S⎯T
low (releasing again after the reset timeout period as
described above). The LTC2917-B/LTC2918-B WDI input
only responds to falling edges.
Setting the Watchdog Timeout Period
The watchdog timeout period is adjustable and can be
optimized for software execution. The watchdog timeout
period is adjusted by connecting a capacitor between WT
and ground. Given a specified watchdog timeout period,
the capacitor is determined by:
CWT = tWD • 13.8 [nF/s]
For example, using a standard capacitor value of 0.047μF
would give a 3.4s watchdog timeout period.
Leaving WT open with no external capacitor generates
a timeout of approximately 3.2ms. Shorting WT to VCC
generates a timeout of approximately 1.6s. Connecting
WT to GND disables the watchdog function.
APPLICATIONS INFORMATION
Manual Reset (LTC2918 Only)
The LTC2918 includes the ⎯M⎯R pin for applications where a
manual reset is desired. ⎯M⎯R is internally pulled up, making
it ready to interface with a push button with no external
components required. Asserting ⎯M⎯R low when ⎯R⎯S⎯T is high
initiates a reset, resulting in ⎯R⎯S⎯T being asserted low for
the reset timeout time.
Shunt Regulator
The LTC2917 and LTC2918 contain an internal 6.2V shunt
regulator on the VCC pin to allow operation from a high
voltage supply. To operate the part from a supply higher
than 5.7V, the VCC pin must have a series resistor, RCC,
to the supply. See Figure 3. This resistor should be sized
according to the following equation:
VV
mA
R
VV
A
SMAX
CC
SMIN
()
(
)
.
−
≤≤
−
57
5
7
250
μ
where VS(MIN) and VS(MAX) are the operating minimum
and maximum of the supply.
As an example, consider operation from an automobile
battery which might dip as low as 10V or spike to 60V. We
must then pick a resistance between 10.86k and 12k.
Figure 3. 12V Supply Monitor Powered From 12V, Utilizing
the Internal Shunt Regulator with 3.3V Logic Out
RCC
11k
12V
3.3V
CRT
CBYPASS
0.1
μF
RPU
10k
29178 F03
VM
SEL1
GND
SEL2
RT
TOL
VCC
(VTRIP = 10.64V)
VCC
LTC2917
μP
RST
RST
WDI
I/O
GND
R2
1.15M
R1
49.9k
CWT
WT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com