Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14DC080 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC14DC080
Description  ADC14DC080 Dual 14-Bit, 80 MSPS A/D Converter with CMOS Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14DC080 Datasheet(HTML) 2 Page - Texas Instruments

  ADC14DC080 Datasheet HTML 1Page - Texas Instruments ADC14DC080 Datasheet HTML 2Page - Texas Instruments ADC14DC080 Datasheet HTML 3Page - Texas Instruments ADC14DC080 Datasheet HTML 4Page - Texas Instruments ADC14DC080 Datasheet HTML 5Page - Texas Instruments ADC14DC080 Datasheet HTML 6Page - Texas Instruments ADC14DC080 Datasheet HTML 7Page - Texas Instruments ADC14DC080 Datasheet HTML 8Page - Texas Instruments ADC14DC080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
VA
VA
VA
VA
AGND
AGND
VA
AGND
ADC14DC080
(top view)
1
2
3
4
5
6
7
8
9
10
11
12
14
15
13
VRPA
VDR
32
31
45
44
43
42
41
40
39
38
37
35
34
33
36
VINA-
VINA+
AGND
AGND
AGND
VA
AGND
VINB-
VCMOA
VRNA
VCMOB
VRNB
VRPB
DRGND
* Exposed Pad
VINB+
DB8
DB9
DB10
DB13 (MSB)
DB12
DB11
DRDY
DA0 (LSB)
DA1
DA2
DA5
DA4
DA3
ADC14DC080
SNAS463B – SEPTEMBER 2008 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
3
VINA+
13
VINB+
Differential analog input pins. The differential full-scale input signal
level is 2VP-P with each input pin signal centered on a common mode
2
VINA-
voltage, VCM.
14
VINB-
5
VRPA
11
VRPB
7
VCMOA
9
VCMOB
These pins should each be bypassed to AGND with a low ESL
(equivalent series inductance) 1 µF capacitor placed very close to
the pin to minimize stray inductance. An 0201 size 0.1 µF capacitor
should be placed between VRP and VRN as close to the pins as
possible, and a 1 µF capacitor should be placed in parallel.
VRP and VRN should not be loaded. VCMO may be loaded to 1mA for
6
VRNA
use as a temperature stable 1.5V reference.
10
VRNB
It is recommended to use VCMO to provide the common mode
voltage, VCM for the differential analog inputs.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC14DC080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com