Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14DC080 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC14DC080
Description  ADC14DC080 Dual 14-Bit, 80 MSPS A/D Converter with CMOS Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14DC080 Datasheet(HTML) 1 Page - Texas Instruments

  ADC14DC080 Datasheet HTML 1Page - Texas Instruments ADC14DC080 Datasheet HTML 2Page - Texas Instruments ADC14DC080 Datasheet HTML 3Page - Texas Instruments ADC14DC080 Datasheet HTML 4Page - Texas Instruments ADC14DC080 Datasheet HTML 5Page - Texas Instruments ADC14DC080 Datasheet HTML 6Page - Texas Instruments ADC14DC080 Datasheet HTML 7Page - Texas Instruments ADC14DC080 Datasheet HTML 8Page - Texas Instruments ADC14DC080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
14-Bit Pipelined
ADC Core
Output
Buffers
Reference
A
Reference
B
Timing
Generation
VINA
2
14
14
DA0-DA13
CHANNEL A
14-Bit Pipelined
ADC Core
Output
Buffers
VINB
2
14
DB0-DB13
CHANNEL B
DRDY
CLK
VREF
Ref.Decoupling
Ref.Decoupling
3
3
14
ADC14DC080
www.ti.com
SNAS463B – SEPTEMBER 2008 – REVISED APRIL 2013
ADC14DC080 Dual 14-Bit, 80 MSPS A/D Converter with CMOS Outputs
Check for Samples: ADC14DC080
1
FEATURES
DESCRIPTION
The ADC14DC080 is a high-performance CMOS
2
•
Internal Sample-and-Hold Circuit and Precision
analog-to-digital converter capable of converting two
Reference
analog input signals into 14-bit digital words at rates
•
Low Power Consumption
up to 80 Mega Samples Per Second (MSPS). These
•
Clock Duty Cycle Stabilizer
converters use a differential, pipelined architecture
with digital error correction and an on-chip sample-
•
Single +3.0V Supply Operation
and-hold circuit to minimize power consumption and
•
Power-Down Mode
the
external
component
count,
while
providing
•
Offset Binary or 2's Complement Output Data
excellent dynamic performance. A unique sample-
Format
and-hold stage yields a full-power bandwidth of 1
GHz. The ADC14DC080 may be operated from a
•
60-Pin WQFN Package, (9x9x0.8mm, 0.5mm
single +3.0V power supply. A power-down feature
Pin-Pitch)
reduces the power consumption to very low levels
while still allowing fast wake-up time to full operation.
APPLICATIONS
The differential inputs provide a 2V full scale
differential input swing. A stable 1.2V internal voltage
•
High IF Sampling Receivers
reference is provided, or the ADC14DC080 can be
•
Wireless Base Station Receivers
operated with an external 1.2V reference. Output
•
Test and Measurement Equipment
data format (offset binary versus 2's complement)
•
Communications Instrumentation
and duty cycle stabilizer are pin-selectable. The duty
cycle stabilizer maintains performance over a wide
•
Portable Instrumentation
range of clock duty cycles.
KEY SPECIFICATIONS
The ADC14DC080 is available in a 60-lead WQFN
package and operates over the industrial temperature
•
Resolution 14 Bits
range of
−40°C to +85°C.
•
Conversion Rate 80 MSPS
•
SNR (fIN = 170 MHz) 71 dBFS (typ)
•
SFDR (fIN = 170 MHz) 83 dBFS (typ)
•
Full Power Bandwidth 1 GHz (typ)
•
Power Consumption 600 mW (typ)
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC14DC080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14DC080 NSC-ADC14DC080 Datasheet
342Kb / 14P
Dual 14-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC14DC080 TI1-ADC14DC080 Datasheet
1Mb / 27P
80 MSPS A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC14DC080CISQ NSC-ADC14DC080CISQ Datasheet
342Kb / 14P
Dual 14-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC14DC080CISQE/NOPB TI1-ADC14DC080CISQE/NOPB Datasheet
1Mb / 27P
80 MSPS A/D Converter with CMOS Outputs
More results

Similar Description - ADC14DC080

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD6645 AD-AD6645 Datasheet
2Mb / 20P
14-Bit, 80 MSPS A/D Converter
REV.0
logo
National Semiconductor ...
ADC14DC080 NSC-ADC14DC080 Datasheet
342Kb / 14P
Dual 14-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
logo
Analog Devices
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
REV. 0
logo
Texas Instruments
ADC14DC080 TI1-ADC14DC080 Datasheet
1Mb / 27P
80 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
14-Bit, 80 MSPS, A/D Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com