Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14DC080 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC14DC080
Description  ADC14DC080 Dual 14-Bit, 80 MSPS A/D Converter with CMOS Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14DC080 Datasheet(HTML) 3 Page - Texas Instruments

  ADC14DC080 Datasheet HTML 1Page - Texas Instruments ADC14DC080 Datasheet HTML 2Page - Texas Instruments ADC14DC080 Datasheet HTML 3Page - Texas Instruments ADC14DC080 Datasheet HTML 4Page - Texas Instruments ADC14DC080 Datasheet HTML 5Page - Texas Instruments ADC14DC080 Datasheet HTML 6Page - Texas Instruments ADC14DC080 Datasheet HTML 7Page - Texas Instruments ADC14DC080 Datasheet HTML 8Page - Texas Instruments ADC14DC080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DRGND
VDR
VA
DRGND
AGND
VA
AGND
VA
AGND
VA
ADC14DC080
www.ti.com
SNAS463B – SEPTEMBER 2008 – REVISED APRIL 2013
Pin Descriptions and Equivalent Circuits (continued)
Pin No.
Symbol
Equivalent Circuit
Description
Reference Voltage. This device provides an internally developed
1.2V reference. When using the internal reference, VREF should be
decoupled to AGND with a 0.1 µF and a 1µF, low equivalent series
59
VREF
inductance (ESL) capacitor.
This pin may be driven with an external 1.2V reference voltage.
This pin should not be used to source or sink current when the
internal reference is used.
DIGITAL I/O
This is a four-state pin controlling the input clock mode and output
data format.
OF/DCS = VA, output data format is 2's complement without duty
cycle stabilization applied to the input clock.
OF/DCS = AGND, output data format is offset binary, without duty
19
OF/DCS
cycle stabilization applied to the input clock.
OF/DCS = (2/3)*VA, output data is 2's complement with duty cycle
stabilization applied to the input clock.
OF/DCS = (1/3)*VA, output data is offset binary with duty cycle
stabilization applied to the input clock.
The clock input pin.
18
CLK
The analog inputs are sampled on the rising edge of the clock input.
This is a two-state input controlling Power Down.
57
PD_A
PD = VA, Power Down is enabled and power dissipation is reduced.
20
PD_B
PD = AGND, Normal operation.
Digital data output pins that make up the 14-bit conversion result for
40-49,
DA0-DA9,
Channel A. DA0 (pin 40) is the LSB, while DA13 (pin 55) is the MSB
52-55
DA10-DA13
of the output word. Output levels are CMOS compatible.
Digital data output pins that make up the 14-bit conversion result for
21-24,
DB0-DB3,
Channel B. DB0 (pin 21) is the LSB, while DB13 (pin 36) is the MSB
27-36
DB4-DB13
of the output word. Output levels are CMOS compatible.
Data Ready Strobe. The data output transition is synchronized with
39
DRDY
the falling edge of this signal. This signal switches at the same
frequency as the CLK input.
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
8, 16, 17, 58,
VA
quiet source and be bypassed to AGND with 0.1 µF capacitors
60
located close to the power pins.
The ground return for the analog supply.
1, 4, 12, 15,
AGND
The exposed pad on back of package must be soldered to ground
Exposed Pad
plane to ensure rated performance.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC14DC080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com