Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR2LE Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TCR2LE
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2LE Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TCR2LE Datasheet HTML 1Page - Toshiba Semiconductor TCR2LE Datasheet HTML 2Page - Toshiba Semiconductor TCR2LE Datasheet HTML 3Page - Toshiba Semiconductor TCR2LE Datasheet HTML 4Page - Toshiba Semiconductor TCR2LE Datasheet HTML 5Page - Toshiba Semiconductor TCR2LE Datasheet HTML 6Page - Toshiba Semiconductor TCR2LE Datasheet HTML 7Page - Toshiba Semiconductor TCR2LE Datasheet HTML 8Page - Toshiba Semiconductor TCR2LE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TCR2LF series, TCR2LE series
2014-11-06
5
Application Note
1. Recommended Application Circuit
The figure above shows the recommended configuration for using a Low-Dropout regulator. Insert a capacitor at
VOUT and VIN pins for stable input/output operation. (Ceramic capacitors can be used).
2. Power Dissipation
Both unit and board-mounted power dissipation ratings for TCR2LF series and TCR2LE series are available in the
Absolute Maximum Ratings table.
Power dissipation is measured on the board shown below.
Testing Board of Thermal Resistance
CONTROL pin
connection
Operation
HIGH
ON
LOW
OFF
OPEN
OFF
SMV
ESV
*Board material: FR4
Board dimension: 30 mm × 30 mm × 0.8 mm
Copper area: 20 mm
2
*Board material: FR4 board
Board dimension: 25.4 mm × 25.4 mm × 1.6 mm
Copper area: 645 mm
2
VOUT
GND
VIN
CONTROL
NC
●
SMV
●
ESV
VOUT
GND VIN
CONTROL
NC
PD – Ta (SMV)
−40
0
0
40
120
80
200
400
600
800
①
Board dimension 25.4 mm x 25.4 mm, x
1.6 mm Copper area 645 mm2,
mounted on FR4 Board
②
Unit Rating
②
①
PD – Ta (ESV)
−40
0
0
40
120
80
100
200
300
400
①
②
①
Board dimension 30 mm x 30 mm,
x 0.8 mm Copper area 20 mm2,
mounted on Glass Epoxy Board
②
Unit Rating
Ambient Temperature Ta (°C)
Ambient Temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com