Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR2LE Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TCR2LE
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2LE Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TCR2LE Datasheet HTML 8Page - Toshiba Semiconductor TCR2LE Datasheet HTML 9Page - Toshiba Semiconductor TCR2LE Datasheet HTML 10Page - Toshiba Semiconductor TCR2LE Datasheet HTML 11Page - Toshiba Semiconductor TCR2LE Datasheet HTML 12Page - Toshiba Semiconductor TCR2LE Datasheet HTML 13Page - Toshiba Semiconductor TCR2LE Datasheet HTML 14Page - Toshiba Semiconductor TCR2LE Datasheet HTML 15Page - Toshiba Semiconductor TCR2LE Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TCR2LF series, TCR2LE series
2014-11-06
13
10) Load Transient Response
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 0.1 μF
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 0.1 μF
50
100
150
0.30
100
150
VOUT=0.8V
(IOUT = 50mA ⇔ 100mA)
VOUT=1.8V
(IOUT = 50mA ⇔ 100mA)
0.80
1.30
Time t (100 μs/div)
Time t (100 μs/div)
50
VIN = 4.6 V,
CIN = 0.1 μF, COUT = 0.1 μF
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 0.1 μF
50
100
150
3.10
VOUT=3.6V
(IOUT = 50mA ⇔ 100mA)
3.60
4.10
Time t (100 μs/div)
1.30
1.80
2.30
0
10
20
VOUT=0.8V
(IOUT = 1mA ⇔ 10mA)
0.30
0.80
1.30
Time t (100 μs/div)
VOUT=1.8V
(IOUT = 1mA ⇔ 10mA)
1.30
1.80
2.30
10
0
20
Time t (100 μs/div)
Time t (100 μs/div)
VOUT=3.6V
(IOUT = 1mA ⇔ 10mA)
3.10
3.60
4.10
20
10
0
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 0.1 μF
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 0.1 μF
VIN = 4.6 V,
CIN = 0.1 μF, COUT = 0.1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com