Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR2LE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCR2LE
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2LE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCR2LE Datasheet HTML 1Page - Toshiba Semiconductor TCR2LE Datasheet HTML 2Page - Toshiba Semiconductor TCR2LE Datasheet HTML 3Page - Toshiba Semiconductor TCR2LE Datasheet HTML 4Page - Toshiba Semiconductor TCR2LE Datasheet HTML 5Page - Toshiba Semiconductor TCR2LE Datasheet HTML 6Page - Toshiba Semiconductor TCR2LE Datasheet HTML 7Page - Toshiba Semiconductor TCR2LE Datasheet HTML 8Page - Toshiba Semiconductor TCR2LE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TCR2LF series, TCR2LE series
2014-11-06
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCR2LF series
TCR2LE series
Ultra low quiescent current
200 mA CMOS Low Drop-Out Regulator in ultra small package
The TCR2LF and TCR2LE series are CMOS general-purpose
single-output voltage regulators with an on/off control input, featuring
ultra low quiescent bias current and low dropout voltage.
These voltage regulators are available in fixed output voltages
between 0.8 V and 3.6 V and capable of driving up to 200 mA. They
feature overcurrent protection and Auto-discharge function.
The package is general SMV(SOT-25) (2.8 mm x 2.9 mm x 1.1
mm ) and ESV(SOT-553) (1.6 mm x 1.6 mm x 0.55 mm ), and has a
low dropout voltage of 270 mV ( 2.5 V output, IOUT = 150 mA).
As small ceramic input and output capacitors 0.1μF can be used
with the TCR2LF and TCR2LE series, these devices are ideal for
portable applications that require high-density board assembly such
as cellular phones.
Features
•
Low quiescent bias current ( IB = 2 μA (max) at IOUT = 0 mA, Tj = -40 to 85°C)
•
Low Drop-Out voltage
VIN-VOUT = 270 mV (typ.) at 2.5 V-output, IOUT = 150 mA
•
Wide range output voltage line up ( VOUT = 0.8 to 3.6 V )
•
High VOUT accuracy ±1.0% ( 1.8V ≤ VOUT )
•
Overcurrent protection
•
Auto-discharge
•
Pull down connection between CONTROL and GND
•
Ceramic capacitors can be used ( CIN = 0.1 μF, COUT =0.1 μF )
•
General package SMV(SOT-25) (2.8 mm x 2.9 mm x 1.1 mm ) and ESV(SOT-553) (1.6 mm x 1.6 mm x 0.55 mm )
Weight :
SMV (SOT-25)(SC-74A) : 16.0 mg ( typ.)
ESV (SOT-553)
: 3.0 mg ( typ.)
SMV
ESV


Similar Part No. - TCR2LE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TCR22-4 LITTELFUSE-TCR22-4 Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
RoHS Compliant
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
RoHS Compliant
logo
Littelfuse
TCR22-6 LITTELFUSE-TCR22-6 Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-6 ETC2-TCR22-6 Datasheet
205Kb / 12P
RoHS Compliant
More results

Similar Description - TCR2LE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
13-Feb-2002
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
30-Oct-2002
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
22-Jul-2005
TC75S201L6X TOSHIBA-TC75S201L6X Datasheet
229Kb / 7P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TCK106AF TOSHIBA-TCK106AF Datasheet
585Kb / 12P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TC78B002FNG TOSHIBA-TC78B002FNG Datasheet
945Kb / 27P
TOSHIBA CMOS Integrated Circuit Silicon Monolithic
2013-10-17
TB9051FTG TOSHIBA-TB9051FTG Datasheet
1Mb / 49P
Toshiba Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Ver.1.1 2019-03-14
TB9101FNG TOSHIBA-TB9101FNG Datasheet
612Kb / 16P
TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB9102FNG TOSHIBA-TB9102FNG Datasheet
1Mb / 30P
TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com