Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3055E Datasheet(PDF) 2 Page - SYC Electronica

Part # MTP3055E
Description  N-CHANNEL 60V - 0.1W - 12A TO-220 STripFET™ POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MTP3055E Datasheet(HTML) 2 Page - SYC Electronica

  MTP3055E Datasheet HTML 1Page - SYC Electronica MTP3055E Datasheet HTML 2Page - SYC Electronica MTP3055E Datasheet HTML 3Page - SYC Electronica MTP3055E Datasheet HTML 4Page - SYC Electronica MTP3055E Datasheet HTML 5Page - SYC Electronica MTP3055E Datasheet HTML 6Page - SYC Electronica MTP3055E Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MTP3055E
THERMAL DATA
AVALANCHE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Rthj-case
Thermal Resistance Junction-case Max
3.75
°C/W
Rthj-amb
Rthc-s
Tl
Thermal Resistance Junction-ambient Max
Thermal Resistance Case-sink Typ
Maximum Lead Temperature For Soldering Purpose
62.5
0.5
300
°C/W
°C/W
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tjmax)
12
A
EAS
Single pulse Avalanche Energy
(starting Tj = 25°C, ID =IAR,VDD =25V
50
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
60
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating x 0.8, TC=125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ±20V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250 µA
2
2.9
4
V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V,ID =7 A
0.1
0.15
Ω
ID(on)
On State Drain Current
VDS> ID(on) X RDS(on)max VGS = 10V
12
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS=ID(on) X RDS(on)max , ID =6A
4
6S
Ciss
Input Capacitance
VDS =25V,f= 1MHz,VGS =0
760
pF
Coss
Output Capacitance
100
pF
Crss
Reverse Transfer
Capacitance
30
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com