Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3055E Datasheet(PDF) 4 Page - SYC Electronica

Part # MTP3055E
Description  N-CHANNEL 60V - 0.1W - 12A TO-220 STripFET™ POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MTP3055E Datasheet(HTML) 4 Page - SYC Electronica

  MTP3055E Datasheet HTML 1Page - SYC Electronica MTP3055E Datasheet HTML 2Page - SYC Electronica MTP3055E Datasheet HTML 3Page - SYC Electronica MTP3055E Datasheet HTML 4Page - SYC Electronica MTP3055E Datasheet HTML 5Page - SYC Electronica MTP3055E Datasheet HTML 6Page - SYC Electronica MTP3055E Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MTP3055E
Static Drain-source On Resistance
Transconductance
Output Characteristics
Gate Charge vs Gate-source Voltage
Capacitance Variations
Transfer Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com