Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP3055E Datasheet(PDF) 1 Page - SYC Electronica

Part # MTP3055E
Description  N-CHANNEL 60V - 0.1W - 12A TO-220 STripFET™ POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MTP3055E Datasheet(HTML) 1 Page - SYC Electronica

  MTP3055E Datasheet HTML 1Page - SYC Electronica MTP3055E Datasheet HTML 2Page - SYC Electronica MTP3055E Datasheet HTML 3Page - SYC Electronica MTP3055E Datasheet HTML 4Page - SYC Electronica MTP3055E Datasheet HTML 5Page - SYC Electronica MTP3055E Datasheet HTML 6Page - SYC Electronica MTP3055E Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
August 2002
MTP3055E
N-CHANNEL 60V - 0.1
Ω -12A TO-220
STripFET™ POWER MOSFET
s
TYPICAL RDS(on) = 0.1Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
175°C OPERATING TEMPERATURE
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
REGULATORS
s
DC-DC & DC-AC CONVERTERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc.)
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
First digit of the datecode being Z or K identifies silicon
characterized in this datasheet
TYPE
VDSS
RDS(on)
ID
MTP3055E
60 V
< 0.15
Ω
12 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
60
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
60
V
VGS
Gate- source Voltage
±20
V
ID
Drain Current (continuous) at TC = 25°C
12
A
IDm
Drain Current (pulsed) at TC = 100°C
9A
IDM ( )
Drain Current (pulsed)
48
A
PTOT
Total Dissipation at TC = 25°C
40
W
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
TO-220
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - MTP3055E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
Jul-1999
logo
New Jersey Semi-Conduct...
MTP3055E NJSEMI-MTP3055E Datasheet
115Kb / 3P
N-CHANNEL 60V-0.1Q-12A TO-220 STripFET??MOSFET
logo
Inchange Semiconductor ...
MTP3055E ISC-MTP3055E Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
MTP3055EL ISC-MTP3055EL Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MTP3055E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ71A STMICROELECTRONICS-BUZ71A Datasheet
79Kb / 8P
N - CHANNEL 50V - 0.1W - 13A TO-220 STripFET] POWER MOSFET
Jul-1999
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
Jul-1999
STD12NE06L STMICROELECTRONICS-STD12NE06L Datasheet
92Kb / 9P
N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET
Jan-2000
STP12PF06 STMICROELECTRONICS-STP12PF06 Datasheet
85Kb / 8P
P - CHANNEL 60V - 0.18 ohm - 12A TO-220 STripFET POWER MOSFET
May-2000
STP14NF06 STMICROELECTRONICS-STP14NF06 Datasheet
247Kb / 8P
N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET™ POWER MOSFET
Dec-2000
STP45NF06 STMICROELECTRONICS-STP45NF06 Datasheet
114Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET™ POWER MOSFET
Nov-2000
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STF12PF06 STMICROELECTRONICS-STF12PF06 Datasheet
260Kb / 10P
P-CHANNEL 60V - 0.18 ohm - 12A TO-220/TO-220FP STripFET II POWER MOSFET
Rev. 2.0
logo
New Jersey Semi-Conduct...
MTP3055E NJSEMI-MTP3055E Datasheet
115Kb / 3P
N-CHANNEL 60V-0.1Q-12A TO-220 STripFET??MOSFET
logo
STMicroelectronics
STP1806 STMICROELECTRONICS-STP1806 Datasheet
272Kb / 9P
N-CHANNEL 60V - 0.015 - 50A TO-220 STripFET™ POWER MOSFET
Rev.0.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com