Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP147T Datasheet(PDF) 2 Page - SYC Electronica

Part # TIP147T
Description  PNP Epitaxial Silicon Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TIP147T Datasheet(HTML) 2 Page - SYC Electronica

  TIP147T Datasheet HTML 1Page - SYC Electronica TIP147T Datasheet HTML 2Page - SYC Electronica TIP147T Datasheet HTML 3Page - SYC Electronica TIP147T Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP145T/146T/147T Rev. C
2
Electrical Characteristics * T
C=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: TIP145T
: TIP146T
: TIP147T
IC = - 30mA, IB = 0
- 60
- 80
- 100
V
V
V
ICEO
Collector Cut-off Current
: TIP145T
: TIP146T
: TIP147T
VCE = - 30V, IB = 0
VCE = - 40V, IB = 0
VCE = - 50V, IB = 0
- 2
- 2
- 2
mA
mA
mA
ICBO
Collector Cut-off Current
: TIP145T
: TIP146T
: TIP147T
VCB = - 60V, IE = 0
VCB = - 80V, IE = 0
VCB = - 100V, IE = 0
- 1
- 1
- 1
mA
mA
mA
IEBO
Emitter Cut-off Current
VBE = - 5V, IC = 0
- 2
mA
hFE
DC Current Gain
VCE = - 4V, IC = - 5A
VCE = - 4V, IC = - 10A
1000
500
VCE(sat)
Collector-Emitter Saturation Voltage
IC = - 5A, IB = - 10mA
IC = - 10A, IB = - 40mA
- 2
- 3
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = - 10A, IB = - 40mA
- 3.5
V
VBE(on)
Base-Emitter On Voltage
VCE = - 4V, IC = - 10A
- 3
V
td
Delay Time
VCC = - 30V, IC = - 5A
IB1 = -20mA, IB2 = 20mA
RL = 6Ω
0.15
µs
tr
Rise Time
0.55
µs
tstg
Storage Time
2.5
µs
tf
Fall Time
2.5
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com