Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP147T Datasheet(PDF) 1 Page - SYC Electronica

Part # TIP147T
Description  PNP Epitaxial Silicon Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TIP147T Datasheet(HTML) 1 Page - SYC Electronica

  TIP147T Datasheet HTML 1Page - SYC Electronica TIP147T Datasheet HTML 2Page - SYC Electronica TIP147T Datasheet HTML 3Page - SYC Electronica TIP147T Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TIP145T/146T/147T Rev. C
1
TIP145T/146T/147T
PNP Epitaxial Silicon Darlington Transistor
Monolithic Construction With Built In Base-Emitter Shunt Resistors
• High DC Current Gain : hFE = 1000@ VCE = - 4V, IC = - 5A (Min.)
• Industrial Use
• Complement to TIP140T/141T/142T
Absolute Maximum Ratings * T
C=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Symbol
Parameter
Value
Units
BVCBO
Collector-Base Voltage
: TIP145T
: TIP146T
: TIP147T
- 60
- 80
- 100
V
V
V
BVCEO
Collector-Emitter Voltage : TIP145T
: TIP146T
: TIP147T
- 60
- 80
- 100
V
V
V
BVEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 10
A
ICP
Collector Current (Pulse)
- 15
A
IB
Base Current (DC)
- 0.5
A
PC
Collector Dissipation (TC=25°C)
80
W
TJ
Junction Temperature
150
°C
TSTG
Storage Junction Temperature Range
- 65 ~ 150
°C
TO-220
1
1.Base
2.Collector
3.Emitter
Equivalent Circuit
B
E
C
R1
R2
R1
8k
Ω
≅
R2
0.12k
Ω
≅


Similar Part No. - TIP147T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP147T MOSPEC-TIP147T Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,80W)
logo
STMicroelectronics
TIP147T STMICROELECTRONICS-TIP147T Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Fairchild Semiconductor
TIP147T FAIRCHILD-TIP147T Datasheet
52Kb / 4P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TRANSYS Electronics Lim...
TIP147T TEL-TIP147T Datasheet
161Kb / 2P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
SemiHow Co.,Ltd.
TIP147T SEMIHOW-TIP147T Datasheet
536Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results

Similar Description - TIP147T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
Silicon PNP Epitaxial, Darlington
logo
Renesas Technology Corp
2SA1193 RENESAS-2SA1193 Datasheet
161Kb / 6P
Silicon PNP Epitaxial, Darlington
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
Silicon PNP Epitaxial, Darlington
logo
Fairchild Semiconductor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP147TU FAIRCHILD-TIP147TU Datasheet
175Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
logo
Continental Device Indi...
CSB1626 CDIL-CSB1626 Datasheet
313Kb / 3P
PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
TIP105TU FAIRCHILD-TIP105TU Datasheet
550Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
logo
Renesas Technology Corp
2SB963-Z RENESAS-2SB963-Z_15 Datasheet
739Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
logo
Fairchild Semiconductor
TIP107TU FAIRCHILD-TIP107TU Datasheet
550Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com