Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP147T Datasheet(PDF) 3 Page - SYC Electronica

Part # TIP147T
Description  PNP Epitaxial Silicon Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TIP147T Datasheet(HTML) 3 Page - SYC Electronica

  TIP147T Datasheet HTML 1Page - SYC Electronica TIP147T Datasheet HTML 2Page - SYC Electronica TIP147T Datasheet HTML 3Page - SYC Electronica TIP147T Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIP145T/146T/147T Rev. C
3
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0
-1
-2
-3
-4
-5
-0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
I
B = -2000µA
I
B = -1800µA
I
B = -1600µA
I
B = -1400µA
I
B = -1200µA
I
B = -1000µA
I
B = -800µA
I
B = -600µA
I
B = -400µA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
100
1000
10000
100000
V
CE = -4V
I
C[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.01
-0.1
-1
-10
I
C=-500IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
-1
-10
-100
-1000
-10
-100
-1000
f=0.1MHz
V
CB[V], COLLECTOR-BASE VOLTAGE
-1
-10
-100
-1000
-0.1
-1
-10
-100
TIP146T
TIP147T
TIP145T
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
T
C[
o
C], CASE TEMPERATURE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com