Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPP Datasheet(PDF) 1 Page - TT Electronics.

Part # FPP
Description  Platon Averaging Pitot Tube: Flo-Bar
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FPP Datasheet(HTML) 1 Page - TT Electronics.

  FPP Datasheet HTML 1Page - TT Electronics. FPP Datasheet HTML 2Page - TT Electronics. FPP Datasheet HTML 3Page - TT Electronics. FPP Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Platon Averaging Pitot
Tube: Flo-Bar
DS1710
© TT Electronics plc
Issue B
7/2017
Page 1
TT Electronics | Roxspur Measurement & Control Ltd
2 Downgate Drive, Sheffield, S4 8BT, England |Ph: +44(0)114 244 2521
www.roxspur.com | sales@roxspur.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description
The Flo-Bar is an Averaging Pitot Tube flow sensor for use on pipes, ducts
or chimneys. Differential pressure created across the Flo-Bar has the
standard square root relationship to flow rate, making a simple,
removable sensor for installation or retrofit on flowlines of any size.
The unique design of the Flo-Bar profile provides a high accuracy, wide
rangeability sensor: the standard integral manifold allows simple process
isolation and easy installation of a DP measurement cell.
Flow sensor for liquids, gases or steam
±1% Accuracy with standard square root flow output
Full electron beam welded construction
Unique profile sensor with flow averaging
Integral 3 valve manifold
Simple direct mounting of DP transmitter if required
Plain head and remote manifolds available
OPERATING PRINCIPLE
The Flo-Bar brings modern production techniques and design to the
classic Pitot Tube flow measurement technique. The Flo-Bar is
mounted across the pipe diameter, with a number of impact pressure
sensing ports on the upstream face. Liquid and gas flows produce an
Impact pressure, in accordance with well-established formulae. The
Flo-Bar averages this pressure across the pipe diameter, to take
account of any flow profile irregularities. Downstream there is a
single pressure sensing port; the precision engineered profile of the Flo-Bar at this reference pressure position ensures a
stable separation for flow vortices, giving a stable flow calibration factor over a wide flow turndown.
The differential pressure developed across the Flo-Bar is proportional to the square of the flow velocity, and can be
measured using either a DP cell, a simple mechanical pressure gauge, or even displayed on a liquid U-tube manometer –
depending on the application requirement. The Flo-Bar is available with a number of standard options. Particularly useful
is the integral three valve manifold.


Similar Part No. - FPP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FPP MSYSTEM-FPP Datasheet
115Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FPP-01 SCHURTER-FPP-01 Datasheet
573Kb / 4P
AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
FPP-01 SCHURTER-FPP-01 Datasheet
531Kb / 5P
AC Filter for PCB Mounting Cost Optimized
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
AC Filter for PCB Mounting Cost Optimized
FPP-02 SCHURTER-FPP-02 Datasheet
435Kb / 3P
AC Filter for PCB Mounting in Flat Housing
More results

Similar Description - FPP

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD350 EXTECH-HD350 Datasheet
282Kb / 1P
Pitot Tube Anemometer Differential Manometer
HD350 EXTECH-HD350_15 Datasheet
282Kb / 1P
Pitot Tube Anemometer Differential Manometer
logo
TT Electronics.
DS1111 TTELEC-DS1111 Datasheet
626Kb / 2P
Platon Glass Tube VA Flowmeter
DS1140 TTELEC-DS1140 Datasheet
481Kb / 2P
Platon Plastic Tube VA Flowmeter
DS1161 TTELEC-DS1161 Datasheet
310Kb / 1P
In-Line Pitot Tube
DS1210 TTELEC-DS1210 Datasheet
488Kb / 4P
Platon Armoured Purgemeter
DS1220 TTELEC-DS1220 Datasheet
509Kb / 5P
Platon Metal Tube VA Gas or Liquid
DS1221 TTELEC-DS1221 Datasheet
623Kb / 3P
Platon Screwed Metal Tube VA Flowmeter
DS1710 TTELEC-DS1710 Datasheet
1Mb / 4P
Platon Averaging Pitot Tube: Flo-Bar
DS2530 TTELEC-DS2530 Datasheet
674Kb / 2P
Temperature Duct Averaging Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com