Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPP Datasheet(PDF) 2 Page - TT Electronics.

Part # FPP
Description  Platon Averaging Pitot Tube: Flo-Bar
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FPP Datasheet(HTML) 2 Page - TT Electronics.

  FPP Datasheet HTML 1Page - TT Electronics. FPP Datasheet HTML 2Page - TT Electronics. FPP Datasheet HTML 3Page - TT Electronics. FPP Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT Electronics plc
Issue B 7/2017
Page 2
TT Electronics | Roxspur Measurement & Control Ltd
2 Downgate Drive, Sheffield, S4 8BT, England |Ph: +44(0)114 244 2521
www.roxspur.com | sales@roxspur.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Platon Averaging Pitot
Tube: Flo-Bar
DS1710
CUSTOM CALIBRATION
The relationship between fluid flow and differential pressure for the Flo-Bar has
been calculated using the well-established Bernoulli theory, and confirmed by
independent flow test laboratory calibrations.
For each specific application, data on the flowing fluid and process conditions are
used to produce a flow calibration curve. Within the software, separate calculations
check for resonance effects and strength limitations in high velocity flows and
recommend the use of a larger diameter Flo-Bar or an end support when this is
necessary. Each quotation is accompanied by its own calculation sheet and
calibration graph, to provide reassurance that the correct site data has been used,
and to show the relevant DP values.
The Flo-Bar calculation sheet can be used to select a suitable DP measurement
system for the application. Available from Roxspur are electronic transmitters and
alarms, standard DP cells and mechanical gauges.
The calibration graph shown illustrates the differential pressure generated by water
flow velocity for a 25mm diameter Flo-Bar in a 250mm pipe.
Site data required to produce a Flo-Bar calculation sheet includes fluid type,
temperature and pressure, normal flow rate or required flow range, pipework
internal dimensions and pipe wall thickness.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com