Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPP Datasheet(PDF) 3 Page - TT Electronics.

Part # FPP
Description  Platon Averaging Pitot Tube: Flo-Bar
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FPP Datasheet(HTML) 3 Page - TT Electronics.

  FPP Datasheet HTML 1Page - TT Electronics. FPP Datasheet HTML 2Page - TT Electronics. FPP Datasheet HTML 3Page - TT Electronics. FPP Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© TT Electronics plc
Issue B 7/2017
Page 3
TT Electronics | Roxspur Measurement & Control Ltd
2 Downgate Drive, Sheffield, S4 8BT, England |Ph: +44(0)114 244 2521
www.roxspur.com | sales@roxspur.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Platon Averaging Pitot
Tube: Flo-Bar
DS1710
FLOW RANGES AND MODELS
Flo-Bar Averaging Pitot Tubes are available in three versions,
suitable for different pipe size ranges and flow conditions.
Model PPA uses a 13mm diameter tube and is suitable for
small sized pipes, ducts and ventilation systems. The standard
PPB Flo-Bar is 25mm diameter, covering the mid range of
pipe sizes. Larger ducts such as chimneys or trunk liquid
mains would use the 60mm diameter PPC unit. The graph
shows the maximum water flow rates measurable for the
three Flo-Bar models, for increasing pipe size.
MODELS AVAILABLE
Flo-Bar models are available with different types of pipe installation fittings. The simplest approach is to use a
compression fitting screwed into the pipeline. Alternatively, the Flo-Bar can be supplied flanged. Roxspur can supply the
weld boss or flanged standoff. Where the installation requires the Flo-Bar to be retracted under line pressure, for pipe
cleaning etc, valved retraction headwork options are available, subject to line pressure limitations. For pipe sizes 2" and
below, in line Pitot pipe sections are available. For more complex pipe or duct configurations, multiple Pitot arrays with
flow straighteners are available.
All the above models have the standard options of integral three valve manifolds or alternative impulse line connections.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com