Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMS-05V Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # XMS-05V
Description  2.5mm pitch/Disconnectable Crimp style connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XMS-05V Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  XMS-05V Datasheet HTML 1Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 2Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 3Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 4Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 5Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 6Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
XA CONNECTOR
Circuits
Model No.
Dimensions (mm)
Q'ty / bag
AB
Material
PA 66, UL94V-0, natural (white)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
18
20
XAP-02V-1
XAP-03V-1
XAP-04V-1
XAP-05V-1
XAP-06V-1
XAP-07V-1
XAP-08V-1
XAP-09V-1
XAP-10V-1
XAP-11V-1
XAP-12V-1
XAP-13V-1
XAP-14V-1
XAP-15V-1
―
XAP-20V-1
XARP-02V
XARP-03V
XARP-04V
XARP-05V
XARP-06V
XARP-07V
XARP-08V
XARP-09V
XARP-10V
XARP-11V
XARP-12V
XARP-13V
XARP-14V
XARP-15V
XARP-18V
―
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
42.5
47.5
7.3
9.8
12.3
14.8
17.3
19.8
22.3
24.8
27.3
29.8
32.3
34.8
37.3
39.8
47.3
52.3
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
―
500
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
―
Standard
type
Standard
type
Retainer
mountable type
Retainer
mountable type
A
B
6.9
5.8
2.5 2.4
Circuit No.1
Circuit No.1
5.8
7.4
0.6
B
A
2.4
2.5
Retainer mountable type
Standard type
6.5
3.1
1.3
1.6
Material and Finish
0.8∼1.9
1.5∼1.9
1.3∼1.7
28∼22
24∼20
26∼22
0.08∼0.33
0.22∼0.5
0.13∼0.33
SXA-001T-P0.6
SXA-01T-P0.6
SXA-001T-P0.6L
Phosphor bronze, tin-plated (reflow treatment)
8,000
8,000
8,000
Model No.
Applicable wire
mm2
AWG#
Q'ty / reel
Insulation O.D. (mm)
Contact
RoHS compliance
Note :1. SXA-001T-P0.6L is low-insertion force type contact, for easier
insertion/withdrawal, which would be less resistant to the vibration.
The crimp height is different from the standard contact.
Note :2. Contact JST for gold-plated products.
Housing
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
<Standard type>
ex.
XAP-02V-1-oo-
(blank)…natural (white)
K…black R…red E…blue Y…yellow L…lemon yellow
M…green O…orange N…brown H…gray P…purple
LE…light blue PK…pink FY…vivid yellow Z…ivory
<Retainer mountable type>
ex.
XARP-02V-oo
(blank)…natural (white)
K…black R…red E…blue L…lemon yellow
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
Crimping
machine
SXA-01T-P0.6
AP-K2N
MKS-L
*MKS-SC
MK/SXA/M-01-06
SC/SXA/M-01-06
APLMK SXA/M01-06
APLSC SXA/M01-06
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
Crimping
machine
SXA-001T-P0.6
MKS-L
*MKS-SC
MK/SXA/M-001-06
SC/SXA/M-001-06
SXA-001T-P0.6L
MKS-L
*MKS-SC
MK/SXA-001-06L
SC/SXA-001-06L
APLMK SXA/M001-06
APLSC SXA/M001-06
APLMK SXA001-06L
APLSC SXA001-06L
AP-K2N
Note: *Strip-crimp applicator
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com