Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMS-05V Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # XMS-05V
Description  2.5mm pitch/Disconnectable Crimp style connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XMS-05V Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  XMS-05V Datasheet HTML 1Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 2Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 3Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 4Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 5Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 6Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
XA CONNECTOR
Circuits
Model No.
Top entry type
Dimensions (mm)
AB
Material and Finish
Without a boss
With a boss
Q'ty / box
Pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (white)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
18
B02B-XASK-1N
B03B-XASK-1N
B04B-XASK-1N
B05B-XASK-1N
B06B-XASK-1N
B07B-XASK-1N
B08B-XASK-1N
B09B-XASK-1N
B10B-XASK-1N
B11B-XASK-1N
B12B-XASK-1N
B13B-XASK-1N
B14B-XASK-1N
B15B-XASK-1N
B18B-XASK-1N
B02B-XASK-1N-A
B03B-XASK-1N-A
B04B-XASK-1N-A
B05B-XASK-1N-A
B06B-XASK-1N-A
B07B-XASK-1N-A
B08B-XASK-1N-A
B09B-XASK-1N-A
B10B-XASK-1N-A
B11B-XASK-1N-A
B12B-XASK-1N-A
B13B-XASK-1N-A
B14B-XASK-1N-A
B15B-XASK-1N-A
―
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
42.5
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
47.5
1,000
400
400
400
400
250
250
250
250
200
200
100
100
100
100
A
0.6
φ
2.5
B
φ1
1.6
3.2
6.4
1.6
Circuit No.1
H JST
B
12.6
A
9.2
φ0.6
2.5
Circuit No.1
Circuit
No.1 Mark
B
A
6.4
3.2
φ0.6
2.5
Circuit No.1
Circuits
Model No.
Dimensions (mm)
AB
Material and Finish
Q'ty / box
Pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (white)
2
3
4
5
6
7
8
9
10
11
12
13
14
S02B-XASS-1N-BN
S03B-XASS-1N-BN
S04B-XASS-1N-BN
S05B-XASS-1N-BN
S06B-XASS-1N-BN
S07B-XASS-1N-BN
S08B-XASS-1N-BN
S09B-XASS-1N-BN
S10B-XASS-1N-BN
S11B-XASS-1N-BN
S12B-XASS-1N-BN
S13B-XASS-1N-BN
S14B-XASS-1N-BN
02.5
05.0
07.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
250
250
200
200
200
200
100
100
100
100
100
100
100
Side entry type without a hook
N type
Through-hole type shrouded header
Top entry type
without a boss
Side entry type
without a hook
Top entry type
with a boss
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B02B-XASK-1N-A-
S…natural (white)
K…black R…red E…blue Y…yellow L…lemon yellow
M…green O…orange N…brown H…gray P…purple
LE…light blue PK…pink FY…vivid yellow
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. As for side entry type, we recommend to use a product with a boss
(hook) because stress is applied directly to fillet part when handling
the wire. When using the side entry type product without a boss
(hook), please handle the wire with care.
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com