Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMS-05V Datasheet(PDF) 5 Page - JST Mfg. Co., Ltd.

Part # XMS-05V
Description  2.5mm pitch/Disconnectable Crimp style connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XMS-05V Datasheet(HTML) 5 Page - JST Mfg. Co., Ltd.

  XMS-05V Datasheet HTML 1Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 2Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 3Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 4Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 5Page - JST Mfg. Co., Ltd. XMS-05V Datasheet HTML 6Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
XA CONNECTOR
2.5
B
A
φ
 0.6
6.4
3.2
Circuit
No.1
Circuits
Model No.
Dimensions (mm)
Q'ty / box
AB
Material and Finish
Pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (ivory)
2
3
4
5
6
7
8
Top entry type without a boss
Top entry type with a boss
B02B-XASS-1-T
B03B-XASS-1-T
B04B-XASS-1-T
B05B-XASS-1-T
B06B-XASS-1-T
B07B-XASS-1-T
B08B-XASS-1-T
2.5
5.0
7.5
10.0
12.5
15.0
17.5
7.5
10.0
12.5
15.0
17.5
20.0
22.5
1,000
1,000
500
500
500
500
500
−
B03B-XASS-1-A-T
B04B-XASS-1-A-T
B05B-XASS-1-A-T
B06B-XASS-1-A-T
B07B-XASS-1-A-T
B08B-XASS-1-A-T
1.6
2.5
B
A
φ
 0.6
6.4
3.2
1.6
Circuit
No.1
Circuits
Model No.
Dimensions (mm)
AB
Material and Finish
Q'ty / reel
Pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA, UL94V-0, natural
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
2
3
4
5
6
7
8
9
12
13
15
BM02B-XASS-TF
BM03B-XASS-TF
BM04B-XASS-TF
BM05B-XASS-TF
BM06B-XASS-TF
BM07B-XASS-TF
BM08B-XASS-TF
BM09B-XASS-TF
BM12B-XASS-TF
BM13B-XASS-TF
BM15B-XASS-TF
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
27.5
30.0
35.0
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
35.0
37.5
42.5
500
500
500
500
500
500
500
500
500
500
500
Top entry type
Circuit No.1
A
B
8
1.4
1
Circuit No.1
B
A
8
1.4
1
6.4
12.7
φ4
<2 circuits>
<3 to 9, 12, 13, 15 circuits>
SMT type shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
BM02B-XASS-TF-
S…natural
K…black R…red E…blue M…green D…orange
L…lemon yellow
Through-hole type shrouded header on radial-tape
Top entry type
without a boss
Top entry type
with a boss
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B03B-XASS-1-A-T-
S…natural (ivory)
R…red E…blue M…green
Taping specifications
Note: Conforms to JIC C 0806 of "Tape packaging of components with
unidirectional leads on continuous tapes".
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com