Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSN Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # RSN
Description  Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RSN Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  RSN Datasheet HTML 1Page - Bourns Electronic Solutions RSN Datasheet HTML 2Page - Bourns Electronic Solutions RSN Datasheet HTML 3Page - Bourns Electronic Solutions RSN Datasheet HTML 4Page - Bourns Electronic Solutions RSN Datasheet HTML 5Page - Bourns Electronic Solutions RSN Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RSN Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
Shunt FAQs (continued)
Question: Do you offer customization services for your
shunts?
Answer: Absolutely! We have helped design and have
manufactured a number of application specific models for use
in everything from electric vehicles to aerospace. We welcome
both customer specific drawings as well as modifications to our
standard shunts.
Question: What are the recommended wiring guidelines for
your current sensing shunts?
Answer: Shunts should be wired into the circuit to be monitored
in the ground or return line as close as practical to the power
source. This will limit the voltage differential between the
terminals of the shunt and ground, thus providing a degree of
safety against electrical shock. In addition, placing the shunt
near the power source will ensure that all of the loads are
accounted for.
Question: Is ±0.25 % the best tolerance you offer for your
shunts?
Answer: ±0.25 % is our standard tolerance, however, a large
portion of our shunts are available with tolerances as tight as
±0.1 %. Please send us an inquiry and we will confirm availability
of the tighter tolerance.
Question: What is the TCR (temperature coefficient of
resistance) of your shunts?
Answer: Our shunts utilize a manganin resistive element
that features a very stable TCR of 15 ppm to 20 ppm in a
temperature range of 30 °C to 60 °C.
Question: How do I help to limit the temperature rise of a
shunt?
Answer: Above 100 amps, a vast majority of the heat generated
by a shunt is dissipated into the current carrying bus bars
or wires. In addition, it will help to mount the shunt in such a
way that the resistive elements are vertical. Finally, it can be
beneficial to have adequate air flow around the shunt to help
remove excess heat.
Question: Do you offer crosses to Empro Shunts?
Answer: Yes, we have direct replacements for the following
Empro series: HA, MLA, MLB, MLC, Type A, Type B, and Type
E. We may be able to offer other alternatives of Empro Shunts
as well, please send us an inquiry.
Question: Do you offer crosses to Canadian Shunts?
Answer: Yes, we have direct replacements for the following
Canadian Shunt series: Type A, Type C, Type G, Type H, Type
LA, Type LB, Type LC, and Type V. These Canadian Shunts can
be customized to your specific needs to offer other alternatives
as well, please send us an inquiry.
Question: What resistance material do you use for your
shunts?
Answer: We utilize a material called Manganin. Manganin
is a precision resistance alloy, with moderate resistivity, low
temperature coefficient of resistance and low thermal EMF
versus Copper. With high stability of electrical resistance,
good working properties and very good weldability, Manganin
is specially dedicated to precision resistors, electrical shunts
which control and measure the current through devices such as
electricity meters or DC ammeters.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com