Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSN Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RSN
Description  Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RSN Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RSN Datasheet HTML 1Page - Bourns Electronic Solutions RSN Datasheet HTML 2Page - Bourns Electronic Solutions RSN Datasheet HTML 3Page - Bourns Electronic Solutions RSN Datasheet HTML 4Page - Bourns Electronic Solutions RSN Datasheet HTML 5Page - Bourns Electronic Solutions RSN Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RSN Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
Features
n
Formerly a Riedon™ product
n
Current rating: 1 to 500 A
n
Standard tolerance ±0.1 %
n
Non-inductive metal element
n
Manganin resistive element
n
RoHS compliant*
Applications
n
Power supplies
n
Power converters
n
Current measurements
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Electrical Characteristics
Model
Rated Current
(A)
Operating Current
(A)
Resistance (mΩ)
50 mV Output 100 mV Output
RSN-1
1
0.667
50.0000
10000000
RSN-2
2
1.33
25.0000
500000
RSN-5
5
3.33
10.0000
200000
RSN-10
10
6.67
5.000
100000
RSN-20
20
13.33
2.500
5.000
RSN-50
50
33.33
1.000
2.000
RSN-100
100
66.67
0.5
1.000
RSN-150
150
100
0.333
0.667
RSN-200
200
133.33
0.25
0.500
RSN-250
250
166.67
0.20
0.400
RSN-300
300
200
0.167
0.333
RSN-400
400
266.67
0.125
0.250
RSN-500
500
333.33
0.10
0.200
General Specifications
Rated Output .... 50 mV, 100 mV, Custom
Voltage Tolerance.........±0.1 % Standard
Operating Temperature
.................................-30 °C to +70 °C
Storage Temperature
.................................-55 °C to +80 °C
Materials
Base ................. Flame resistant Bakelite
Resistance Element.................Manganin
Terminal Block ................................Brass
Operating Current Derating
For continuous operation, it is
recommended that shunts are not
operated at more than two thirds
(2/3) the rated current under normal
conditions per IEEE standards for
DC instrument shunts. At ambient
temperatures above 40 °C, the current
must be further derated to prevent
damage.
How to Order
RSN - 1 - 50 B
Model
Rated Current (see table)
1 = 1 A
Voltage Output (mV)
50 = 50 mV
100 = 100 mV
Tolerance
B = 0.1 %
Manganin™ Temperature Coefficient of Resistance ±15 PPM/°C
+0.04
+0.02
0
-0.02
-0.04
-0.06
-0.08
-0.10
-0.12
10
20
30
40
50
60
70
80
90
100
Temperature (°C)
TCR Curve
Note: Applies to resistance element only
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are
subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries.
In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain assets of Riedon, Inc., including its logo and trademarks and the right to continue to manu-
facture former Riedon™ products.
“Riedon Logo” is a registered trademark of BE Services Company, Inc., in the United States.
“Riedon” is a trademark of BE Services Company, Inc.
“Manganin” is a trademark of Isabellenhütte Heusler GmbH & Co.
WARNING Cancer
and Reproductive Harm
www.P65Warnings.ca.gov
PRELIMINARY


Similar Part No. - RSN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSN ALPS-RSN Datasheet
857Kb / 6P
Low-profile type with excellent operability adds flexibility in set design
logo
Bourns Electronic Solut...
RSN BOURNS-RSN Datasheet
542Kb / 3P
RSN Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
REV. 08/25
logo
Riedon Powertron
RSN-1 RIEDON-RSN-1 Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-1 RIEDON-RSN-1 Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
logo
Bourns Electronic Solut...
RSN-1 BOURNS-RSN-1 Datasheet
542Kb / 3P
RSN Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
REV. 08/25
More results

Similar Description - RSN

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
SHUNTS JUMPERS
logo
List of Unclassifed Man...
FH-80-50 ETC2-FH-80-50 Datasheet
39Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FN-2-50 ETC2-FN-2-50 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
DC Ammeter Shunts
logo
Riedon Powertron
RSA-5 RIEDON-RSA-5 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-20-50 RIEDON-RSA-20-50 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-100-100 RIEDON-RSA-100-100 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSN-5-50B RIEDON-RSN-5-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-20-50B RIEDON-RSN-20-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
DC Current Shunts
October 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com