Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSN Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # RSN
Description  Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RSN Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  RSN Datasheet HTML 1Page - Bourns Electronic Solutions RSN Datasheet HTML 2Page - Bourns Electronic Solutions RSN Datasheet HTML 3Page - Bourns Electronic Solutions RSN Datasheet HTML 4Page - Bourns Electronic Solutions RSN Datasheet HTML 5Page - Bourns Electronic Solutions RSN Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RSN Series – Riedon™ DC Ammeter Shunts / Busbar Shunts by Bourns
Product Dimensions
91.26
(3.593)
133.35
(5.250)
114.13
(4.500)
152.4
(6.000)
5.08
(.200)
31.75
(1.250)
11.89
(.468)
13.97
(.550)
B
A
3/8-16 SCREW
2 PLCS.
4.7 mm 10-32 SCREW
2 PLCS.
BOURNS
RSN
XXX A
XXX mV
MANUFACTURER’S
TRADEMARK
RATED CURRENT
(AMPERES)
SERIES
RSN
RATED VOLTAGE
(MILLIVOLTS)
50 or 100 mV Output Models
Model
A
B
RSN-1
35.05
(1.380)
12.7
(0.500)
RSN-2
RSN-5
RSN-10
RSN-20
RSN-50
RSN-100
RSN-150
RSN-200
RSN-250
41.40
(1.630)
19.05
(0.750)
RSN-300
RSN-400
RSN-500
DIMENSIONS:
MM
(INCHES)
Dimension tolerances: ±0.381 mm (±0.015 in.) for hole diameters. All other
dimensions have a ±0.762 mm (±0.030 in.) tolerance.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers
as set forth on the last page of this document, and at www.bourns.com/docs/legal/
disclaimer.pdf.
Typical Part Marking
Packaging Specifications
Bulk, packaged in cellulose paper.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com