Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFB15 Datasheet(PDF) 3 Page - Coherent Corp

Part # DFB15
Description  10 Gbps DFB LASER DIODE CHIP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

DFB15 Datasheet(HTML) 3 Page - Coherent Corp

  DFB15 Datasheet HTML 1Page - Coherent Corp DFB15 Datasheet HTML 2Page - Coherent Corp DFB15 Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10 Gbps DFB LASER DIODE CHIP
© 2022 Coherent Corp.
Legal notices : coherent.com/legal
sales@coherent.com
www.coherent.com
Chip Dimensions
Parameter
Min
Typical
Max
Unit
Chip width
260
280
300
µm
Chip length
180
200
220
µm
Chip thickness
80
85
90
µm
Bond pad width
75
µm
Bond pad length
75
µm
Top view
Side view



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com