Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFB15 Datasheet(PDF) 2 Page - Coherent Corp

Part # DFB15
Description  10 Gbps DFB LASER DIODE CHIP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

DFB15 Datasheet(HTML) 2 Page - Coherent Corp

  DFB15 Datasheet HTML 1Page - Coherent Corp DFB15 Datasheet HTML 2Page - Coherent Corp DFB15 Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
10 Gbps DFB LASER DIODE CHIP
Electro-Optical Characteristics
Operating conditions: Top = -40 to 85 °C
Parameter
Symbol
Condition
Min
Typical
Max
Unit
Threshold Current
I
th
85 °C
21
29
mA
25 °C
8
mA
Slope Efficiency
SE
85 °C
0.1
W/A
25 °C
0.4
W/A
Forward Voltage
V
f
PO = 5 mW
1.6
V
Series Resistance
R
PO = 5 mW
4
6
9
Ohm
Front/Back Power Ratio
P
f/Pb
10
60
Side Mode Suppression Ratio
SMSR
PO = 5 mW
35
Wavelength
λ
see table below
Wavelength Temp. Coefficient
dλ /dT
0.09
nm/°C
Beam Divergence (Horizontal)
θ
H
FWHM
20
degree
Beam Divergence (Vertical)
θ
V
FWHM
30
degree
Relaxation oscillation frequency
f
r
I = I
th+25 mA, 72 °C
10.5
11.3
GHz
Available Wavelengths
Channel
Symbol
Condition
Min
Typical
Max
Unit
CWDM-L0
λ
0 °C to 85 °C
1263.5
1269.5
1277
nm
CWDM-L1
λ
0 °C to 85 °C
1283.5
1289.5
1297
nm
CWDM-L2
λ
0 °C to 85 °C
1303.5
1309.5
1317
nm
CWDM-L3
λ
0 °C to 85 °C
1323.5
1329.5
1337
nm
Absolute Maximum Ratings
Parameter
Symbol
Condition
Max Rating
Unit
Operating Current
Iop
T <25 °C
110
mA
T = 25 - 85 °C
100
mA
T >85 °C
150
mA
Reverse Voltage
VR
2
V
Environmental Exposure Ratings
Parameter
Symbol
Condition
Max Rating
Unit
Case temperature
Tc
-10 to +95
°C
Storage Temperature
Tstg
-40 to +100
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com