Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFB15 Datasheet(PDF) 1 Page - Coherent Corp

Part # DFB15
Description  10 Gbps DFB LASER DIODE CHIP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

DFB15 Datasheet(HTML) 1 Page - Coherent Corp

  DFB15 Datasheet HTML 1Page - Coherent Corp DFB15 Datasheet HTML 2Page - Coherent Corp DFB15 Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10 Gbps DFB LASER DIODE CHIP
Optoelectronic Devices
DFB15
FEATURES
AVAILABLE WAVELENGTHS
• Designed for 10 Gb/s
• Operating temperature -40 °C to 85 °C
• CWDM 1270 nm to 1330 nm


Similar Part No. - DFB15

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DFB-1310-10LR-LC FINISAR-DFB-1310-10LR-LC Datasheet
231Kb / 7P
DFB LASER DIODE LC TOSA
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
1310nm DFB Laser Diode LC TOSA
DFB-1310-4I-50SMF-FCAPC FINISAR-DFB-1310-4I-50SMF-FCAPC Datasheet
185Kb / 5P
DFB LASER DIODE PIGTAILED PACKAGE
DFB-1310-4I-50SMF-FCUPC FINISAR-DFB-1310-4I-50SMF-FCUPC Datasheet
185Kb / 5P
DFB LASER DIODE PIGTAILED PACKAGE
DFB-1310-4I-50SMF-SCAPC FINISAR-DFB-1310-4I-50SMF-SCAPC Datasheet
185Kb / 5P
DFB LASER DIODE PIGTAILED PACKAGE
More results

Similar Description - DFB15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-15-DFB ETC-C-15-DFB Datasheet
394Kb / 3P
1550 nm, 2.5 Gbps MQW-DFB Laser Diode Modules
logo
Optoway Technology Inc
DL-5300S-1490 OPTOWAY-DL-5300S-1490 Datasheet
90Kb / 2P
1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500S-1490 OPTOWAY-DL-5500S-1490 Datasheet
111Kb / 2P
1490 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500S-1625 OPTOWAY-DL-5500S-1625 Datasheet
111Kb / 2P
1625 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE
logo
Source Photonics, Inc.
C-13-DFB10-TJ-SLC2I SOURCE-C-13-DFB10-TJ-SLC2I Datasheet
653Kb / 3P
10 Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
logo
Emcore Corporation
1933F EMCORE-1933F_12 Datasheet
480Kb / 6P
Coaxial DFB Laser Diode
1935F EMCORE-1935F Datasheet
504Kb / 6P
Coaxial DFB Laser Diode
logo
Roithner LaserTechnik G...
RLT1310-20MGS ROITHNER-RLT1310-20MGS Datasheet
526Kb / 2P
Infrared DFB Laser Diode
RLT1310-30MGS ROITHNER-RLT1310-30MGS Datasheet
526Kb / 2P
Infrared DFB Laser Diode
RLT1550-20MGS ROITHNER-RLT1550-20MGS Datasheet
526Kb / 2P
Infrared DFB Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com