Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3482 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG3482
Description  Low voltage dual SP4T switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3482 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG3482 Datasheet HTML 4Page - STMicroelectronics STG3482 Datasheet HTML 5Page - STMicroelectronics STG3482 Datasheet HTML 6Page - STMicroelectronics STG3482 Datasheet HTML 7Page - STMicroelectronics STG3482 Datasheet HTML 8Page - STMicroelectronics STG3482 Datasheet HTML 9Page - STMicroelectronics STG3482 Datasheet HTML 10Page - STMicroelectronics STG3482 Datasheet HTML 11Page - STMicroelectronics STG3482 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical characteristics
STG3482
8/14
Table 7.
AC electrical characteristics (CL = 35 pF, RL = 50 Ω, tr = tf
≤5ns)
Symbol
Parameter
Test conditions
Value
Unit
Vcc
(V)
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
tPLH, tPHL
Propagation
delay
1.65
−1.95
0.30
ns
2.3
−2.7
0.30
3.0
−3.3
0.27
3.6
−4.3
0.28
tON
Turn-ON
time
1.65
−1.95
VS = 0.8 V
37
ns
2.3
−2.7
VS = 1.5 V
20
30
34
3.0
−3.3
15
25
26
3.6
− 4.3
12
18
20
tOFF
Turn-OFF
time
1.65
− 1.95
VS = 0.8
23
ns
2.3
− 2.7
VS = 1.5 V
17
23
17
3.0
− 3.3
12
18
12
3.6
− 4.3
10
15
10
tD
Break
before make
time delay
1.65
−1.95
CL = 35 pF
RL = 50 Ω
VS = 1.5 V
124
ns
2.3
− 2.7
115
3.0
−3.3
1
11
3.6
− 4.3
19
Q
Charge
injection
1.65
CL= 100 pF
VGEN =0V
RGEN =0 Ω
10
pC
2.3
11
3.0
11
4.3
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com