Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3482 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STG3482
Description  Low voltage dual SP4T switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3482 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STG3482 Datasheet HTML 6Page - STMicroelectronics STG3482 Datasheet HTML 7Page - STMicroelectronics STG3482 Datasheet HTML 8Page - STMicroelectronics STG3482 Datasheet HTML 9Page - STMicroelectronics STG3482 Datasheet HTML 10Page - STMicroelectronics STG3482 Datasheet HTML 11Page - STMicroelectronics STG3482 Datasheet HTML 12Page - STMicroelectronics STG3482 Datasheet HTML 13Page - STMicroelectronics STG3482 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STG3482
Package mechanical data
11/14
1.
1. VFQFPN - standard for thermally enhanced vey fine pitch quad flat package no leads.
2. The leads size is comprehensive of the thickness of the leads finishing material.
3. Dimensions do not include mold protusion.
4. Package outline exclusive of metal burrs dimensions.
5. Shipping media tape and reel units: 3000
Table 9.
QFN16L (2.6 x 1.8 mm) mechanical data
Symbol
Millimeters
Typ
Min
Max
A
0.50
0.45
0.55
A1
0.02
0
0.05
A3
0.127
b
0.20
0.15
0.25
D
2.60
2.50
2.70
D2
1.50
1.40
1.60
E
1.80
1.70
1.90
E2
0.70
0.60
0.80
e
0.40
L
0.30
0.25
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com