Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3482 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG3482
Description  Low voltage dual SP4T switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3482 Datasheet(HTML) 1 Page - STMicroelectronics

  STG3482 Datasheet HTML 1Page - STMicroelectronics STG3482 Datasheet HTML 2Page - STMicroelectronics STG3482 Datasheet HTML 3Page - STMicroelectronics STG3482 Datasheet HTML 4Page - STMicroelectronics STG3482 Datasheet HTML 5Page - STMicroelectronics STG3482 Datasheet HTML 6Page - STMicroelectronics STG3482 Datasheet HTML 7Page - STMicroelectronics STG3482 Datasheet HTML 8Page - STMicroelectronics STG3482 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2007
Rev 2
1/14
14
STG3482
Low voltage dual SP4T switch
Features
Ultra low power dissipation:
–ICC =0.1 μA (max.) at TA =25°C
Low “ON” resistance:
–RON =4.6 Ω (TA = 25 °C) at VCC =4.3 V
–RON = 5.8 Ω (TA = 25 °C) at VCC =3.0 V
Wide operating voltage range:
–VCC (Opr) = 1.65 to 4.3 V single supply
4.3 V tolerant and 1.8 V compatible threshold
on digital control input at VCC = 2.3 to 3.0 V
Typical bandwidth (-3dB) at 300 MHz on all
channels
Latch-up performance exceeds 300 mA per
JESD 78, Class II
ESD performance exceeds JESD22
– 2000-V Human body model (A114-A)
Description
The STG3482 is a high-speed CMOS low voltage
dual analog SP4T (single pole four throw) switch
or 4:1 multiplexer/demultiplexer switch fabricated
in silicon gate C2MOS technology. It is designed
to operate from 1.65 to 4.3 V, making this device
ideal for portable applications.
By controlling the SEL1 and SEL2, one of the
independent channels will be connected to the
common channel. An /OE pin is also available in
this device to disconnect all the switches.
Additional key features are fast switching speed,
break-before-make delay time and ultra low power
consumption. All inputs and outputs are equipped
with protection circuits against static discharge,
giving them ESD immunity and transient excess
voltage.
QFN16L (2.6 x 1.8 mm)
Table 1.
Device summary
Order code
Package
Packaging
STG3482QTR
QFN16L (2.6 x 1.8 mm)
Tape and reel
www.st.com


Similar Part No. - STG3482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3155DTR STMICROELECTRONICS-STG3155DTR Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
STG3157 STMICROELECTRONICS-STG3157 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG3157CTR STMICROELECTRONICS-STG3157CTR Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
More results

Similar Description - STG3482

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSW46174 DAICO-DSW46174 Datasheet
163Kb / 1P
Switch SP4T
logo
RF Micro Devices
RF1147 RFMD-RF1147 Datasheet
588Kb / 9P
BROADBAND LOW POWER SP4T SWITCH
logo
Pasternack Enterprises,...
PE71S6126 PASTERNACK-PE71S6126 Datasheet
439Kb / 4P
SP4T Switch
PE71S6127 PASTERNACK-PE71S6127 Datasheet
439Kb / 4P
SP4T Switch
PE71S6184 PASTERNACK-PE71S6184 Datasheet
441Kb / 4P
SP4T Switch
logo
Mini-Circuits
MSP4TA-18 MINI-MSP4TA-18 Datasheet
373Kb / 3P
SP4T Switch
MSP4TA-18-12D MINI-MSP4TA-18-12D Datasheet
509Kb / 3P
SP4T Switch
logo
Infineon Technologies A...
BGSA142GN12 INFINEON-BGSA142GN12 Datasheet
394Kb / 2P
High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142M2N12 INFINEON-BGSA142M2N12 Datasheet
381Kb / 2P
High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142MN12 INFINEON-BGSA142MN12 Datasheet
417Kb / 2P
High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com