Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC/SS Datasheet(PDF) 24 Page - Parallax Inc

Part # SX28AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/SS Datasheet(HTML) 24 Page - Parallax Inc

Back Button SX28AC/SS Datasheet HTML 20Page - Parallax Inc SX28AC/SS Datasheet HTML 21Page - Parallax Inc SX28AC/SS Datasheet HTML 22Page - Parallax Inc SX28AC/SS Datasheet HTML 23Page - Parallax Inc SX28AC/SS Datasheet HTML 24Page - Parallax Inc SX28AC/SS Datasheet HTML 25Page - Parallax Inc SX28AC/SS Datasheet HTML 26Page - Parallax Inc SX28AC/SS Datasheet HTML 27Page - Parallax Inc SX28AC/SS Datasheet HTML 28Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 24 of 51
Rev 1.6 11/20/2006
Table 9-2: External Component Selection for Murata Ceramic Resonators (Vdd = 5.0 V)
FOSC2:FOSC0
Frequency
Resonator Part Number
C1
C2
RF
RS
011
4 MHz
CSA4.00MG
30 pF
1 MΩ
0 Ω
011
4 MHz
CST4.00MGW
Internal (30 pF)
Internal (30 pF)
1 MΩ
0 Ω
011
4 MHz
CSTCC4.00G0H6
Internal (47 pF)
Internal (47 pF)
1 MΩ
0 Ω
011
8 MHz
CSA8.00MTZ
30 pF
30 pF
1 MΩ
0 Ω
011
8 MHz
CST8.00MTW
Internal (30 pF)
Internal (30 pF)
1 MΩ
0 Ω
011
8 MHz
CSTCC8.00MG0H6
Internal (47 pF)
Internal (47 pF)
1 MΩ
0 Ω
011
20 MHz
CSA20.00MXZ040
5 pF
5 pF
1 MΩ
0 Ω
011
20 MHz
CST20.00MXW0H1
Internal (5 pF)
Internal (5 pF)
1 MΩ
0 Ω
011
20 MHz
CSACV20.00MXJ040
5 pF
5 pF
22 kΩ
0 Ω
011
20 MHz
CSTCV20.00MXJ0H1
Internal (5 pF)
Internal (5 pF)
22 kΩ
0 Ω
100
33 MHz
CSA33.00MXJ040
5 pF
5 pF
1 MΩ
0 Ω
100
33 MHz
CST33.00MXW040
Internal (5 pF)
Internal (5 pF)
1 MΩ
0 Ω
100
33 MHz
CSACV33.00MXJ040
5 pF
5 pF
1 MΩ
0 Ω
100
33 MHz
CSTCV33.00MXJ040
Internal (15 pF)
Internal (15 pF)
1 MΩ
0 Ω
101
50 MHz
CSA50.00MXZ040
15 pF
15 pF
10 kΩ
0 Ω
101
50 MHz
CST50.00MXW0H3
Internal (15 pF)
Internal (15 pF)
10 kΩ
0 Ω
101
50 MHz
CSACV50.00MXJ040
15 pF
15 pF
10 kΩ
0 Ω
101
50 MHz
CSTCV50.00MXJ0H3
Internal (15 pF)
Internal (15 pF)
10 kΩ
0 Ω
Table 9-3: Clock Devices Available through Parallax Inc.
Parallax Stock#
Frequency
Device Type
Package
Manufacturer/Part #
250-04050
4 MHz
Ceramic resonator
3-pin SIP
Murata CSTS0400MG03
250-14050
4 MHz
Ceramic resonator
SMT
Jiankang ZZTTC4.0MG
250-02060
20 Mhz
Ceramic resonator
3-pin SIP
Murata CST20.00MXW040
250-12060
20 MHz
Ceramic resonator
SMT
Transko CR3731M-20.000MHz
250-05060
50 MHz
Ceramic resonator
3-pin SIP
Murata CSTLS50M0X51-B0
250-15060
50 MHz
Ceramic resonator
SMT
Murata CSTCV50.00MXJ040-TC20
252-00005
75 MHz
TTL Oscillator
8-pin DIP half-size Transko SX0550HT00ET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com