Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC/SS Datasheet(PDF) 40 Page - Parallax Inc

Part # SX28AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/SS Datasheet(HTML) 40 Page - Parallax Inc

Back Button SX28AC/SS Datasheet HTML 36Page - Parallax Inc SX28AC/SS Datasheet HTML 37Page - Parallax Inc SX28AC/SS Datasheet HTML 38Page - Parallax Inc SX28AC/SS Datasheet HTML 39Page - Parallax Inc SX28AC/SS Datasheet HTML 40Page - Parallax Inc SX28AC/SS Datasheet HTML 41Page - Parallax Inc SX28AC/SS Datasheet HTML 42Page - Parallax Inc SX28AC/SS Datasheet HTML 43Page - Parallax Inc SX28AC/SS Datasheet HTML 44Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 40 of 51
Rev 1.6 11/20/2006
17.0 ELECTRICAL CHARACTERISTICS
17.1. Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
remainder of Section 17.0. Exposure to absolute maximum ratings for extended periods can adversely affect device
reliability.
Table 17-1: Absolute Maximum Ratings
Ambient temperature under bias
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Voltage on Vdd with respect to Vss
0 V to +7.0 V
Voltage on OSC1 with respect to Vss
0 V to +13.5 V
Voltage on MCLR with respect to Vss
0 V to +13.5 V
Voltage on all other pins with respect to Vss
-0.6 V to (Vdd + 0.6V )V
Total power dissipation
700 mW
Max. current out of Vss pin
130 mA
Max. current into Vdd pin
130 mA
Max. DC current into an input pin with internal protection diode forward biased
±500 µA
Max. allowable sink current per I/O pin
45 mA
Max allowable source current per I/O pin
45 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com