Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC/SS Datasheet(PDF) 6 Page - Parallax Inc

Part # SX28AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/SS Datasheet(HTML) 6 Page - Parallax Inc

Back Button SX28AC/SS Datasheet HTML 2Page - Parallax Inc SX28AC/SS Datasheet HTML 3Page - Parallax Inc SX28AC/SS Datasheet HTML 4Page - Parallax Inc SX28AC/SS Datasheet HTML 5Page - Parallax Inc SX28AC/SS Datasheet HTML 6Page - Parallax Inc SX28AC/SS Datasheet HTML 7Page - Parallax Inc SX28AC/SS Datasheet HTML 8Page - Parallax Inc SX28AC/SS Datasheet HTML 9Page - Parallax Inc SX28AC/SS Datasheet HTML 10Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 6 of 51
Rev 1.6 11/20/2006
2.0
CONNECTION DIAGRAMS
2.1.
Pin Assignments
Figure 2-1: Pin Assignments
2.2.
Pin Descriptions
Table 2-1: Pin Descriptions
Name
Pin Type
Input Levels
Description
RA0
I/O
TTL/CMOS
Bidirectional I/O Pin; symmetrical source / sink capability
RA1
I/O
TTL/CMOS
Bidirectional I/O Pin; symmetrical source / sink capability
RA2
I/O
TTL/CMOS
Bidirectional I/O Pin; symmetrical source / sink capability
RA3
I/O
TTL/CMOS
Bidirectional I/O Pin; symmetrical source / sink capability
RB0
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; comparator output; MIWU/Interrupt input
RB1
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; comparator negative input; MIWU/Interrupt input
RB2
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; comparator positive input; MIWU/Interrupt input
RB3
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; MIWU/Interrupt input
RB4
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; MIWU/Interrupt input
RB5
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; MIWU/Interrupt input
RB6
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; MIWU/Interrupt input
RB7
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; MIWU/Interrupt input
RC0
I/O
TTL/CMOS/ST
Bidirectional I/O Pin
RC1
I/O
TTL/CMOS/ST
Bidirectional I/O Pin
RC2
I/O
TTL/CMOS/ST
Bidirectional I/O Pin
RC3
I/O
TTL/CMOS/ST
Bidirectional I/O Pin
RC4
I/O
TTL/CMOS/ST
Bidirectional I/O Pin
RC5
I/O
TTL/CMOS/ST
Bidirectional I/O Pin
RC6
I/O
TTL/CMOS/ST
Bidirectional I/O Pin
RC7
I/O
TTL/CMOS/ST
Bidirectional I/O Pin
RTCC
I
ST
Input to Real-time Clock/counter
MCLR
I
ST
Master Clear reset input – active low. When not controlled externally, this pin must
be pulled high with a 10 kΩ resistor.
OSC1/In/Vpp
I
ST
Crystal oscillator input; external clock source input
OSC2/Out
O
CMOS
Crystal oscillator output; in R/C mode, internally pulled to Vdd through weak pull-up
Vdd
P
-
Positive supply pin
Vss
P
-
Ground pin
Note: I = input, O = output, I/O = Input/Output, P = Power, TTL = TTL input, CMOS = CMOS input, ST = Schmitt Trigger input, MIWU =
Multi-Input Wakeup input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com