Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2104 Datasheet(PDF) 21 Page - Texas Instruments

Part # CDCLVD2104
Description  Dual 1:4 Low Additive Jitter LVDS Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2104 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCLVD2104 Datasheet HTML 15Page - Texas Instruments CDCLVD2104 Datasheet HTML 16Page - Texas Instruments CDCLVD2104 Datasheet HTML 17Page - Texas Instruments CDCLVD2104 Datasheet HTML 18Page - Texas Instruments CDCLVD2104 Datasheet HTML 19Page - Texas Instruments CDCLVD2104 Datasheet HTML 20Page - Texas Instruments CDCLVD2104 Datasheet HTML 21Page - Texas Instruments CDCLVD2104 Datasheet HTML 22Page - Texas Instruments CDCLVD2104 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
24X (0.5)
(1.325)
(1.325)
(R0.05) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
28X (0.75)
28X (0.24)
(4.65)
(4.65)
(
3.15)
(
0.2) TYP
VIA
VQFN - 1 mm max height
RHD0028B
PLASTIC QUAD FLATPACK - NO LEAD
4226146/A 08/2020
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 18X
SEE SOLDER MASK
DETAIL
1
7
8
14
15
21
22
28
29
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com