Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2104 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCLVD2104
Description  Dual 1:4 Low Additive Jitter LVDS Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2104 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCLVD2104 Datasheet HTML 9Page - Texas Instruments CDCLVD2104 Datasheet HTML 10Page - Texas Instruments CDCLVD2104 Datasheet HTML 11Page - Texas Instruments CDCLVD2104 Datasheet HTML 12Page - Texas Instruments CDCLVD2104 Datasheet HTML 13Page - Texas Instruments CDCLVD2104 Datasheet HTML 14Page - Texas Instruments CDCLVD2104 Datasheet HTML 15Page - Texas Instruments CDCLVD2104 Datasheet HTML 16Page - Texas Instruments CDCLVD2104 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LVDS
Z = 50 W
CDCLVD2104
100 W
Z = 50 W
LVDS
Z = 50 W
CDCLVD2104
Z = 50 W
VAC_REF
50 W
50 W
100 nF
100 nF
VAC_REF
50 W
150 W
75 W
CDCLVD2104
Z = 50 W
LVPECL
100 nF
Z = 50 W
100 nF
75 W
150 W
50 W
CDCLVD2104
www.ti.com
SCAS903A – JUNE 2010 – REVISED AUGUST 2010
INPUT TERMINATION
The CDCLVD2104 inputs can be interfaced with LVDS, LVPECL, or LVCMOS drivers.
LVDS Driver can be connected to CDCLVD2104 inputs with dc or ac coupling as shown Figure 16 and
Figure 17, respectively.
Figure 16. LVDS Clock Driver Connected to CDCLVD2104 Input (AC Coupled)
Figure 17. LVDS Clock Driver Connected to CDCLVD2104 Input (DC Coupled)
Figure 18 shows how to connect LVPECL inputs to the CDCLVD2104. The series resistors are required to
reduce the LVPECL signal swing if the signal swing is >1.6 VPP.
Figure 18. LVPECL Clock Driver Connected to CDCLVD2104 Input
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCLVD2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com