Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC006BM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # CLC006BM/NOPB
Description  CLC006 Serial Digital Cable Driver with Adjustable Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLC006BM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  CLC006BM/NOPB Datasheet HTML 1Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 2Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 3Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 4Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 5Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 6Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 7Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 8Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CLC006
www.ti.com
SNLS015G – AUGUST 1998 – REVISED APRIL 2013
Electrical Characteristics
(VCC = 0V, VEE = −5V; unless otherwise specified).
Min/Max
Min/Max
Min/Max
Parameter
Condition
Typ +25°C
0°C to
−40°C to
Units
+25°C (1)
+70°C (1)
+85°C (1)
STATIC DC PERFORMANCE
Supply Current, Loaded
150
Ω @ 270 Mbps (2)
37
—
—
—
mA
Supply Current, Unloaded
(3)
34
28/45
26/47
26/47
mA
Output HIGH Voltage (VOH)
(3)
−1.7
−2.0/1.4
−2.0/1.4
−2.0/1.4
V
Output LOW Voltage (VOL)
(3)
−3.3
−3.6/3.0
−3.6/3.0
−3.6/3.0
V
Input Bias Current
10
30
50
50
μA
Output Swing
REXT = ∞
(3)
1.65
1.55/1.75
1.53/1.77
1.51/1.79
V
Output Swing
REXT = 10 kΩ
1.30
—
—
—
V
Common Mode Input Range Upper Limit
−0.7
−0.8
−0.8
−0.8
V
Common Mode Input Range Lower Limit
−2.6
−2.5
−2.5
–2.5
V
Minimum Differential Input Swing
200
200
200
200
mV
Power Supply Rejection Ratio (3)
26
20
20
20
dB
AC PERFORMANCE
Output Rise and Fall Time
(3) (4) (2)
650
425/825
400/850
400/850
ps
Overshoot
5
%
Propagation Delay
1.0
ns
Duty Cycle Distortion
50
ps
Residual Jitter
25
—
—
—
pspp
MISCELLANEOUS PERFORMANCE
Input Capacitance
1.0
pF
Output Resistance
10
Ω
Output Inductance
6
nH
(1)
Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality
levels are determined from tested parameters.
(2)
Measured with both outputs driving 150
Ω, AC coupled at 270 Mbps.
(3)
Spec is 100% tested at +25°C
(4)
Measured between the 20% and 80% levels of the waveform.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CLC006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com