Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC006BM/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # CLC006BM/NOPB
Description  CLC006 Serial Digital Cable Driver with Adjustable Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLC006BM/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button CLC006BM/NOPB Datasheet HTML 5Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 6Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 7Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 8Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 9Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 10Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 11Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 12Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
500
1000
1500
2000
2500
3000
0
10
20
30
40
50
RISE TIME (ps)
CLC006
www.ti.com
SNLS015G – AUGUST 1998 – REVISED APRIL 2013
OUTPUT RISE AND FALL TIMES
Output load capacitance can significantly affect output rise and fall times. The effect of load capacitance, stray or
otherwise, may be reduced by placing the output back-match resistor close to the output pin and by minimizing
all interconnecting trace lengths. Figure 15 shows the effect on risetime of parallel load capacitance across a
150
Ω load.
Figure 15. Rise Time vs CL
PCB Layout Recommendations
Printed circuit board layout affects the performance of the CLC006. The following guidelines will aid in achieving
satisfactory device performance.
•
Use a ground plane or power/ground plane sandwich design for optimum performance.
•
Bypass device power with a 0.01 µF monolithic ceramic capacitor in parallel with a 6.8 µF tantalum
electrolytic capacitor located no more than 0.1” (2.5 mm) from the device power pins.
•
Provide short, symmetrical ground return paths for:
–
inputs,
–
supply bypass capacitors and
–
the output load.
•
Provide short, grounded guard traces located
–
under the centerline of the package,
–
0.1” (2.5 mm) from the package pins
–
on both top and bottom of the board with connecting vias.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CLC006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com