Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC006BM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # CLC006BM/NOPB
Description  CLC006 Serial Digital Cable Driver with Adjustable Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLC006BM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button CLC006BM/NOPB Datasheet HTML 4Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 5Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 6Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 7Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 8Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 9Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 10Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 11Page - Texas Instruments CLC006BM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
0.1
1
10
100
1000
RESISTANCE (k:)
500
1000
1500
2000
2500
Min.
Max.
Typ.
CLC006
8
3
4
1
5
2
R7
75:
C2
0.1 PF
R6
75:
C1
0.1 PF
J3
R
R11
2.4k
VEE
R12
3k
VCC
6
7
J4
J2
VIN-
R1
124:
R4
82.5:
VEE
R3
124:
R5
82.5:
J1
VIN+
-
+
RESISTANCE (k:)
1
10
100
600
800
1000
1200
1400
1600
1800
Min.
Typ.
Max.
CLC006
SNLS015G – AUGUST 1998 – REVISED APRIL 2013
www.ti.com
Figure 12. Resistance Pins 3 to 4 vs Output Voltage Reduced Output @ 150
Ω Load
Figure 13. Differential Input Increased Output
Figure 14. Resistance Pins 3 to 4 vs Output Voltage Increased Output @ 150
Ω Load
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: CLC006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com