Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8802IPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC8802IPWR
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8802IPWR Datasheet(HTML) 2 Page - Texas Instruments

  DAC8802IPWR Datasheet HTML 1Page - Texas Instruments DAC8802IPWR Datasheet HTML 2Page - Texas Instruments DAC8802IPWR Datasheet HTML 3Page - Texas Instruments DAC8802IPWR Datasheet HTML 4Page - Texas Instruments DAC8802IPWR Datasheet HTML 5Page - Texas Instruments DAC8802IPWR Datasheet HTML 6Page - Texas Instruments DAC8802IPWR Datasheet HTML 7Page - Texas Instruments DAC8802IPWR Datasheet HTML 8Page - Texas Instruments DAC8802IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DAC8802
SBAS351B – AUGUST 2005 – REVISED FEBRUARY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
MINIMUM
RELATIVE
DIFFERENTIAL
SPECIFIED
TRANSPORT
ACCURACY
NONLINEARITY
TEMPERATURE
PACKAGE-
PACKAGE
ORDERING
MEDIA,
PRODUCT
(LSB)
(LSB)
RANGE
LEAD
DESIGNATOR
NUMBER
QUANTITY
DAC8802IPW
Tubes, 90
DAC8802
±1
±1
–40°C to 85°C
TSSOP-16
PW
DAC8802IPWR
Tape and Reel, 2500
(1)
For the most current specifications and package information, see the Package Option Addendum located at the end of this document, or
see the TI website at www.ti.com.
DAC8802
UNIT
VDD to GND
–0.3 to 7
V
VREFX, RFBX to GND
–18 to 18
V
Digital logic inputs to GND
– 0.3 to + VDD + 0.3
V
V(IOUT) to GND
– 0.3 to VDD + 0.3
V
AGNDX to DGND
–0.3 to +0.3
V
Input current to any pin except supplies
±50
mA
Package power dissipation
(TJmax – TA)/θJA
W
Thermal resistance,
θ
JA
100
°C/W
Maximum junction temperature (TJmax)
150
°C
Operating temperature range
– 40 to 85
°C
Storage temperature range
– 65 to 150
°C
HBM
4
kV
ESD
CDM
1
kV
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com