Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8802IPWR Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC8802IPWR
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8802IPWR Datasheet(HTML) 5 Page - Texas Instruments

  DAC8802IPWR Datasheet HTML 1Page - Texas Instruments DAC8802IPWR Datasheet HTML 2Page - Texas Instruments DAC8802IPWR Datasheet HTML 3Page - Texas Instruments DAC8802IPWR Datasheet HTML 4Page - Texas Instruments DAC8802IPWR Datasheet HTML 5Page - Texas Instruments DAC8802IPWR Datasheet HTML 6Page - Texas Instruments DAC8802IPWR Datasheet HTML 7Page - Texas Instruments DAC8802IPWR Datasheet HTML 8Page - Texas Instruments DAC8802IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
DGND
DAC8802
(TOP VIEW)
AGNDA
IOUTA
VREFA
RFBA
RFBB
VREFB
IOUTB
AGNDB
LDAC
MSB
RS
VDD
CS
CLK
SDI
DAC8802
SBAS351B – AUGUST 2005 – REVISED FEBRUARY 2007
PIN DESCRIPTION
PIN
NAME
DESCRIPTION
1
RFBA
Establish voltage output for DAC A by connecting to external amplifier output.
2
VREFA
DAC A Reference voltage input terminal. Establishes DAC A full-scale output voltage. Can be tied to VDD pin.
3
IOUTA
DAC A Current output.
4
AGNDA
DAC A Analog ground.
5
AGNDB
DAC B Analog ground.
6
IOUTB
DAC B Current output.
7
VREFB
DAC B Reference voltage input terminal. Establishes DAC B full-scale output voltage. Can be tied to VDD pin.
8
RFBB
Establish voltage output for DAC B by connecting to external amplifier output.
9
SDI
Serial data input; data loads directly into the shift register.
Reset pin; active low input. Input registers and DAC registers are set to all 0s or midscale. Register data =
10
RS
0x0000 when MSB = 0. Register data = 0x2000 when MSB = 1 for DAC8802.
Chip-select; active low input. Disables shift register loading when high. Transfers serial register data to input
11
CS
register when CS goes high. Does not affect LDAC operation.
12
DGND
Digital ground.
13
VDD
Positive power-supply input. Specified range of operation is 2.7 V to 5.5 V.
MSB bit sets output to either 0 or midscale during a RESET pulse (RS) or at system power-on. Output equals
14
MSB
zero scale when MSB = 0 and midscale when MSB = 1. MSB pin can be permanently tied to ground or VDD.
Load DAC register strobe; level sensitive active low. Transfers all input register data to the DAC registers.
15
LDAC
Asynchronous active low input. See Table 2 for operation.
16
CLK
Clock input. Positive edge clocks data into shift register.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com