Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8802IPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC8802IPWR
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8802IPWR Datasheet(HTML) 3 Page - Texas Instruments

  DAC8802IPWR Datasheet HTML 1Page - Texas Instruments DAC8802IPWR Datasheet HTML 2Page - Texas Instruments DAC8802IPWR Datasheet HTML 3Page - Texas Instruments DAC8802IPWR Datasheet HTML 4Page - Texas Instruments DAC8802IPWR Datasheet HTML 5Page - Texas Instruments DAC8802IPWR Datasheet HTML 6Page - Texas Instruments DAC8802IPWR Datasheet HTML 7Page - Texas Instruments DAC8802IPWR Datasheet HTML 8Page - Texas Instruments DAC8802IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
DAC8802
SBAS351B – AUGUST 2005 – REVISED FEBRUARY 2007
V
DD = 2.7 V to 5.5 V, IOUTX = Virtual GND, AGNDX = 0 V, VREFA, B = 10 V, TA = full operating temperature range, unless
otherwise noted.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(2)
Resolution
14
Bits
Relative accuracy
INL
±1
LSB
Differential nonlinearity
DNL
±1
LSB
Data = 0000h, TA = 25°C
10
nA
Output leakage current
IOUTX
Data = 0000h, TA = TA max
20
nA
Full-scale gain error
GFSE
Data = 3FFFh
±0.75
±4
mV
Full-scale tempco(3)
TCVFS
1
ppm/
°C
Feedback resistor
RFBX
VDD = 5 V
5
k
Ω
REFERENCE INPUT(3)
VREFX Range
VREFX
–15
15
V
Input resistance
RREFX
4
5
6
k
Ω
Input resistance match
RREFX
Channel-to-channel
1
%
Input capacitance
CREFX
5
pF
ANALOG OUTPUT(3)
Output current
IOUTX
Data = 3FFFh
1.6
2.5
mA
Output capacitance
COUTX
Code-dependent
50
pF
LOGIC INPUTS(3)
VDD = 2.7 V
0.6
V
Input low voltage
VIL
VDD = 5 V
0.8
V
VDD = 2.7 V
2.1
V
Input high voltage
VIH
VDD = 5 V
2.4
V
Input leakage current
IIL
1
µA
Input capacitance
CIL
10
pF
INTERFACE TIMING (4)
Clock width high
tCH
10
ns
Clock width low
tCL
10
ns
CS to Clock setup
tCSS
0
ns
Clock to CS hold
tCSH
10
ns
Clock to SDO prop delay
tPD
2
20
ns
Load DAC pulsewidth
tLDAC
20
ns
Data setup
tDS
10
ns
Data hold
tDH
10
ns
Load setup
tLDS
5
ns
Load hold
tLDH
25
ns
(1)
Specifications subject to change without notice.
(2)
All static performance tests (except IOUT) are performed in a closed-loop system using an external precision OPA277 I-to-V converter
amplifier. The DAC8802 RFB terminal is tied to the amplifier output. Typical values represent average readings measured at +25°C.
(3)
These parameters are specified by design and not subject to production testing.
(4)
All input control signals are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com