Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC902E/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC902E/2K5
Description  12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC902E/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC902E/2K5 Datasheet HTML 3Page - Texas Instruments DAC902E/2K5 Datasheet HTML 4Page - Texas Instruments DAC902E/2K5 Datasheet HTML 5Page - Texas Instruments DAC902E/2K5 Datasheet HTML 6Page - Texas Instruments DAC902E/2K5 Datasheet HTML 7Page - Texas Instruments DAC902E/2K5 Datasheet HTML 8Page - Texas Instruments DAC902E/2K5 Datasheet HTML 9Page - Texas Instruments DAC902E/2K5 Datasheet HTML 10Page - Texas Instruments DAC902E/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DAC902
7
SBAS094B
TYPICAL CHARACTERISTICS: VD = VA = +5V (Cont.)
At TA = +25°C, differential transformer coupled output, 50Ω doubly terminated, and SFDR up to Nyquist, unless otherwise noted.
SFDR vs TEMPERATURE AT 100MSPS, 0dBFS
Temperature (
°C)
85
80
75
70
65
60
55
50
45
–20
0
25
70
50
85
–40
2.1MHz
10.1MHz
40.4MHz
X
X
X
X
X
X
X
SFDR vs I
OUTFS and fOUT AT 100MSPS, 0dBFS
I
OUTFS (mA)
80
75
70
65
60
55
50
45
40
510
20
2
X
X
X
X
2.1MHz
20.2MHz
10.1MHz
40.4MHz
DIFFERENTIAL vs SINGLE-ENDED SFDR vs f
OUT
AT 100MSPS
Frequency (MHz)
85
80
75
70
65
60
55
50
45
10.0
20.0
30.0
40.0
50.0
0
Diff (0dBFS)
I
OUT (–6dBFS)
I
OUT (0dBFS)
Diff (–6dBFS)
X
X
X
X
X
X
X
SFDR vs f
OUT AT 200MSPS
Frequency (MHz)
80
75
70
65
60
55
50
45
40
20.0
10.0
30.0
40.0
50.0
70.0
60.0
90.0
80.0
0
–6dBFS
0dBFS
SFDR vs f
OUT AT 165MSPS
Frequency (MHz)
80
75
70
65
60
55
50
45
40
20.0
10.0
30.0
40.0
50.0
70.0
60.0
80.0
0
–6dBFS
0dBFS
THD vs f
CLOCK AT fOUT = 2.1MHz
f
CLOCK (MSPS)
–70
–75
–80
–85
–90
–95
–100
25
50
100
125
150
0
2HD
4HD
3HD
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com