Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC902E/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC902E/2K5
Description  12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC902E/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  DAC902E/2K5 Datasheet HTML 1Page - Texas Instruments DAC902E/2K5 Datasheet HTML 2Page - Texas Instruments DAC902E/2K5 Datasheet HTML 3Page - Texas Instruments DAC902E/2K5 Datasheet HTML 4Page - Texas Instruments DAC902E/2K5 Datasheet HTML 5Page - Texas Instruments DAC902E/2K5 Datasheet HTML 6Page - Texas Instruments DAC902E/2K5 Datasheet HTML 7Page - Texas Instruments DAC902E/2K5 Datasheet HTML 8Page - Texas Instruments DAC902E/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DAC902
DAC90
2
12-Bit, 165MSPS
DIGITAL-TO-ANALOG CONVERTER
FEATURES
q SINGLE +5V OR +3V OPERATION
q HIGH SFDR: 5MHz Output at 100MSPS: 67dBc
q LOW GLITCH: 3pV-s
q LOW POWER: 170mW at +5V
q INTERNAL REFERENCE:
Optional Ext. Reference
Adjustable Full-Scale Range
Multiplying Option
APPLICATIONS
q COMMUNICATION TRANSMIT CHANNELS:
WLL, Cellular Base Station
Digital Microwave Links
Cable Modems
q WAVEFORM GENERATION:
Direct Digital Synthesis (DDS)
Arbitrary Waveform Generation (ARB)
q MEDICAL/ULTRASOUND
q HIGH-SPEED INSTRUMENTATION AND CON-
TROL
q VIDEO, DIGITAL TV
DESCRIPTION
The DAC902 is a high-speed, Digital-to-Analog Converter (DAC)
offering a 12-bit resolution option within the SpeedPlus Family of
high-performance converters. Featuring pin compatibility among
family members, the DAC908, DAC900, and DAC904 provide a
component selection option to an 8-, 10-, and 14-bit resolution,
respectively. All models within this family of DACs support update
rates in excess of 165MSPS with excellent dynamic performance,
and are especially suited to fulfill the demands of a variety of
applications.
The advanced segmentation architecture of the DAC902 is opti-
mized to provide a high Spurious-Free Dynamic Range (SFDR) for
single-tone, as well as for multi-tone signals—essential when used
for the transmit signal path of communication systems.
The DAC902 has a high impedance (200k
Ω) current output with a
nominal range of 20mA and an output compliance of up to 1.25V.
The differential outputs allow for both a differential or single-
ended analog signal interface. The close matching of the current
outputs ensures superior dynamic performance in the differential
configuration, which can be implemented with a transformer.
Utilizing a small geometry CMOS process, the monolithic DAC902
can be operated on a wide, single-supply range of +2.7V to +5.5V.
Its low power consumption allows for use in portable and battery-
operated systems. Further optimization can be realized by lowering
the output current with the adjustable full-scale option.
For noncontinuous operation of the DAC902, a power-down mode
results in only 45mW of standby power.
The DAC902 comes with an integrated 1.24V bandgap reference
and edge-triggered input latches, offering a complete converter
solution. Both +3V and +5V CMOS logic families can be inter-
faced to the DAC902.
The reference structure of the DAC902 allows for additional
flexibility by utilizing the on-chip reference, or applying an exter-
nal reference. The full-scale output current can be adjusted over a
span of 2mA to 20mA, with one external resistor, while maintain-
ing the specified dynamic performance.
The DAC902 is available in the SO-28 and TSSOP-28 packages.
Current
Sources
LSB
Switches
Segmented
Switches
+1.24V Ref.
Latches
12-Bit Data Input
D11...D0
DAC902
FSA
BW
+VD
+VA
AGND
CLK
DGND
REFIN
INT/EXT
IOUT
IOUT
BYP
PD
DAC902
SBAS094B – MAY 2002
www.ti.com
Copyright © 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TM
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - DAC902E/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC902E/2K5 TI1-DAC902E/2K5 Datasheet
802Kb / 24P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902E/2K5 TI2-DAC902E/2K5 Datasheet
580Kb / 25P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
MAY 2002
DAC902E/2K5.B TI2-DAC902E/2K5.B Datasheet
580Kb / 25P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
MAY 2002
DAC902E/2K5G4 TI1-DAC902E/2K5G4 Datasheet
802Kb / 24P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC902E/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
12-Bit Digital to Analog Converter
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com