Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC902E/2K5 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC902E/2K5
Description  12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC902E/2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC902E/2K5 Datasheet HTML 5Page - Texas Instruments DAC902E/2K5 Datasheet HTML 6Page - Texas Instruments DAC902E/2K5 Datasheet HTML 7Page - Texas Instruments DAC902E/2K5 Datasheet HTML 8Page - Texas Instruments DAC902E/2K5 Datasheet HTML 9Page - Texas Instruments DAC902E/2K5 Datasheet HTML 10Page - Texas Instruments DAC902E/2K5 Datasheet HTML 11Page - Texas Instruments DAC902E/2K5 Datasheet HTML 12Page - Texas Instruments DAC902E/2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DAC902
9
SBAS094B
TYPICAL CHARACTERISTICS: VD = VA = +3V
At TA = +25°C, differential transformer coupled output, 50Ω doubly terminated, and SFDR up to Nyquist, unless otherwise noted.
DIFFERENTIAL vs SINGLE-ENDED SFDR vs f
OUT
AT 100MSPS
Frequency (MHz)
85
80
75
70
65
60
55
50
45
10.0
20.0
30.0
40.0
50.0
0
Diff (0dBFS)
I
OUT (–6dBFS)
I
OUT (0dBFS)
Diff (–6dBFS)
SFDR vs f
OUT AT 165MSPS
Frequency (MHz)
80
75
70
65
60
55
50
45
40
20.0
10.0
30.0
40.0
50.0
70.0
60.0
80.0
0
–6dBFS
0dBFS
SFDR vs f
OUT AT 125MSPS
Frequency (MHz)
85
80
75
70
65
60
55
50
45
10.0
20.0
30.0
50.0
40.0
60.0
0
0dBFS
–6dBFS
SFDR vs f
OUT AT 100MSPS
Frequency (MHz)
85
80
75
70
65
60
55
50
45
10.0
20.0
30.0
40.0
50.0
0
–6dBFS
0dBFS
SFDR vs f
OUT AT 50MSPS
Frequency (MHz)
85
80
75
70
65
60
55
5.0
10.0
15.0
20.0
25.0
0
–6dBFS
0dBFS
SFDR vs f
OUT AT 25MSPS
Frequency (MHz)
85
80
75
70
65
60
55
2.0
4.0
6.0
8.0
10.0
12.0
0
0dBFS
–6dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com