Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8012HSEC-R1 Datasheet(PDF) 3 Page - Wuxi Chipown Micro-electronics limited

Part # AP8012HSEC-R1
Description  Low Standby-Power Off-line PWM converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP8012HSEC-R1 Datasheet(HTML) 3 Page - Wuxi Chipown Micro-electronics limited

  AP8012HSEC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP8012H
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi Tel: +86(510)85217718 http://www.chipown.com Rev.A 1801 3 / 10
Electrical Characteristics
(T
J
=25°C, VDD = 15 V; unless otherwise specified)
Table 3. Power section
Table 4. Control section
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
UVLO
SECTION
VSTART
VCC Start Threshold Voltage
VCOMP=0V
13
14.5
16
V
VSTOP
VCC Stop Threshold Voltage
VCOMP=0V
7
8
9
V
VHYS
VCC Threshold Hysteresis
6.5
V
VRST
VDD Reset Voltage
5.5
6
6.5
V
OSCILLATOR
SECTION
FOSC
Initial Accuracy
TA = 25°C
40
45
50
kHz
FD
Frequency Variation
±5
kHz
FM
Modulation frequency
167
Hz
DMAX
Maximum duty cycle
65
80
90
%
FEEDBACK
SECTION
ICOMP
Feedback Shutdown Current
1.2
mA
RCOMP
COMP Pin Input Impedance
1.15
kΩ
CURRENT LIMIT
SECTION
ILIM
Peak Current Limit
TA = 25°C
0.44
0.55
0.66
A
TLEB
Minimum Turn On Time
LEB time
350
ns
tSS
Soft-start time
10
ms
ID_BM
Peak drain current during burst mode
100
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BVDSS
VDMOS Breakdown Voltage
ISW =250uA
750
820
V
IOFF
Static Drain-Source off current
VSW =550V
100
uA
RDSON
Static Drain-Source on Resistance
ISW = 400mA, T
J
=25°C
18
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com