Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8012HSEC-R1 Datasheet(PDF) 1 Page - Wuxi Chipown Micro-electronics limited

Part # AP8012HSEC-R1
Description  Low Standby-Power Off-line PWM converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP8012HSEC-R1 Datasheet(HTML) 1 Page - Wuxi Chipown Micro-electronics limited

  AP8012HSEC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP8012H
Chipown
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi Tel: +86(510)85217718 http://www.chipown.com
Rev.A 1801 1 / 10
Low Standby-Power Off-line PWM converters
General Description
The AP8012H consists of a Pulse Width Modulator (PWM) controller and a power MOSFET, specifically designed for a high
performance off-line converter with minimal external components. AP8012H offers complete protection coverage with
automatic self-recovery feature including Cycle-by-Cycle current limiting (OCP), over temperature protection (OTP),
under-voltage Lockout protection(UVLO),VDD over-voltage protection(OVP), and soft-start. Burst mode operation and device
very low consumption helps to meet the standby energy saving regulations. Excellent EMI performance is achieved with
frequency modulation. The device consists of a high voltage start-up circuit in order to reduce the system set-up time. The
device provides an advanced platform well suited for low standby-power and cost-effective flyback converters.
Features
■ Integrated 800V avalanche-rugged power MOSFET
■ 85V to 265V wide range AC voltage input
■ Semi enclosed steady output power 6W(DIP-8)@85~265VAC
■ Frequency modulation for low EMI
■ Burst-mode Operation
■ Built-in Soft Start
■ Internal HV Start-up Circuit
■ Excellent Protection :
Over Current Protection (OCP)
Over Temperature Protection (OTP)
VDD over-voltage protection (OVP)
Applications
■ Electromagnetic Oven power supplies
■ Small household application power supplies (Coffee
machine, Electric kettle, etc.)
Package/Order Information
Order codes
Package
AP8012HNEC-T1E
DIP-8
AP8012HNEC-T1L
DIP-8
AP8012HSEC-R1
SOP-8
Typical Application
GN D
CO M P
S nubber
AC
8 5~ 265V
DC
O u tput
FB
Block
C ontrol
Block
OTP
Block
H V S tart
Block
PW M Sw itch
&G ate D river
SU PP LY
&U VLO
VD D
SW
A P 8012H


Similar Part No. - AP8012HSEC-R1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AP8012 AITSEMI-AP8012 Datasheet
629Kb / 11P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.2
AP8012 AITSEMI-AP8012 Datasheet
621Kb / 13P
PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
AP8012A AITSEMI-AP8012A Datasheet
621Kb / 13P
PWM CONTROLLER CC/CV PRIMARY‐SIDE POWER SWITCH
REV1.0 - SEP 2020
AP8012M8R AITSEMI-AP8012M8R Datasheet
629Kb / 11P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.2
AP8012M8VR AITSEMI-AP8012M8VR Datasheet
629Kb / 11P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.2
More results

Similar Description - AP8012HSEC-R1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
logo
BCD Semiconductor Manuf...
AP3710 BCDSEMI-AP3710_08 Datasheet
512Kb / 16P
LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
logo
Dialog Semiconductor
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
Low-Power Off-line Digital PWM Controller
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
Low-Power Off-line Digital PWM Controller
logo
AiT Semiconductor Inc.
AP8012 AITSEMI-AP8012 Datasheet
629Kb / 11P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.2
AP8022 AITSEMI-AP8022 Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
IW1692 RENESAS-IW1692 Datasheet
1Mb / 17P
Low-Power Off-line Digital PWM Controller Rev.
Mar 2020
logo
Wuxi Chipown Micro-elec...
PN8106 CHIPOWN-PN8106 Datasheet
300Kb / 8P
Low Standby-Power Off-line PWM converters
Rev.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com