Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8012HSEC-R1 Datasheet(PDF) 7 Page - Wuxi Chipown Micro-electronics limited

Part # AP8012HSEC-R1
Description  Low Standby-Power Off-line PWM converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP8012HSEC-R1 Datasheet(HTML) 7 Page - Wuxi Chipown Micro-electronics limited

Back Button AP8012HSEC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited AP8012HSEC-R1 Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AP8012H
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi Tel: +86(510)85217718 http://www.chipown.com Rev.A 1801 7 / 10
Fig 3. Feedback circuit
6. Leading Edge Blanking (LEB)
At the instant the internal Sense FET is turned on, there usually exists a high current spike through the Sense FET,
caused by the primary side capacitance and secondary side rectifier diode reverse recovery. Excessive voltage
across the sense resistor would lead to false feedback operation in the current mode PWM control. To counter this
effect, the device employs a leading edge blanking (LEB) circuit. This circuit inhibits the PWM comparator for a
short time (typically 350ns) after the Sense FET is turned on.
7. Under Voltage Lock Out
Once fault condition occurs, switching is terminated and the Sense FET remains off. This causes VDD to fall. When
VDD reaches the VDD reset voltage, 6V, the protection is reset and the internal high voltage current source charges
the VDD capacitor. When VDD reaches the UVLO start voltage, 14.5V, the device resumes its normal operation. In
this manner, the auto-restart can alternately enable and disable the switching of the power Sense FET until the fault
condition is eliminated.
8. Thermal Shutdown (TSD)
The Sense FET and the control IC are integrated in the same chip, making it easier for the control IC to detect the
temperature of the Sense FET. When the temperature exceeds approximately 170°C, thermal shutdown is activated,
the device turn off the Sense FET. The device will go back to work when the lower threshold temperature about
140°C is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com