Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S29GL01GS
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS Datasheet(HTML) 4 Page - Cypress Semiconductor

  S29GL01GS Datasheet HTML 1Page - Cypress Semiconductor S29GL01GS Datasheet HTML 2Page - Cypress Semiconductor S29GL01GS Datasheet HTML 3Page - Cypress Semiconductor S29GL01GS Datasheet HTML 4Page - Cypress Semiconductor S29GL01GS Datasheet HTML 5Page - Cypress Semiconductor S29GL01GS Datasheet HTML 6Page - Cypress Semiconductor S29GL01GS Datasheet HTML 7Page - Cypress Semiconductor S29GL01GS Datasheet HTML 8Page - Cypress Semiconductor S29GL01GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 4 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
1.
Product Overview
The GL-S family consists of 128-Mbit to 1Gbit, 3.0 V core, Versatile I/O, non-volatile, flash memory devices. These devices have a
16-bit (word) wide data bus and use only word boundary addresses. All read accesses provide 16 bits of data on each bus transfer
cycle. All writes take 16 bits of data from each bus transfer cycle.
Figure 1.1 Block Diagram
:
Note:
** AMAX GL01GS = A25, AMAX GL512S = A24, AMAX GL256S = A23, AMAX GL128S = A22
The GL-S family combines the best features of eXecute In Place (XIP) and Data Storage flash memories. This family has the fast
random access of XIP flash along with the high density and fast program speed of Data Storage flash.
Read access to any random location takes 90 ns to 120 ns depending on device density and I/O power supply voltage. Each random
(initial) access reads an entire 32-byte aligned group of data called a Page. Other words within the same Page may be read by
changing only the low order 4 bits of word address. Each access within the same Page takes 15 ns to 30 ns. This is called Page
Mode read. Changing any of the higher word address bits will select a different Page and begin a new initial access. All read
accesses are asynchronous.
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
V
IO
WE#
WP#
CE#
OE#
STB
STB
DQ15–DQ0
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
AMax**–A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com