Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # S29GL01GS
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button S29GL01GS Datasheet HTML 4Page - Cypress Semiconductor S29GL01GS Datasheet HTML 5Page - Cypress Semiconductor S29GL01GS Datasheet HTML 6Page - Cypress Semiconductor S29GL01GS Datasheet HTML 7Page - Cypress Semiconductor S29GL01GS Datasheet HTML 8Page - Cypress Semiconductor S29GL01GS Datasheet HTML 9Page - Cypress Semiconductor S29GL01GS Datasheet HTML 10Page - Cypress Semiconductor S29GL01GS Datasheet HTML 11Page - Cypress Semiconductor S29GL01GS Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 8 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Note: These tables have been condensed to show sector related information for an entire device on a single page Sectors and their
address ranges that are not explicitly listed (such as SA001-SA510) have sectors starting and ending addresses that form the same
pattern as all other sectors of that size. For example, all 128 kB sectors have the pattern XXX0000h–XXXFFFFh.
2.2
Device ID and CFI (ID-CFI) ASO
There are two traditional methods for systems to identify the type of flash memory installed in the system. One has traditionally been
called Autoselect and is now referred to as Device Identification (ID). The other method is called Common Flash Interface (CFI).
For ID, a command is used to enable an address space overlay where up to 16 word locations can be read to get JEDEC
manufacturer identification (ID), device ID, and some configuration and protection status information from the flash memory. The
system can use the manufacturer and device IDs to select the appropriate driver software to use with the flash device.
CFI also uses a command to enable an address space overlay where an extendable table of standard information about how the
flash memory is organized and operates can be read. With this method the driver software does not have to be written with the
specifics of each possible memory device in mind. Instead the driver software is written in a more general way to handle many
different devices but adjusts the driver behavior based on the information in the CFI table.
Traditionally these two address spaces have used separate commands and were separate overlays. However, the mapping of these
two address spaces are non-overlapping and so can be combined in to a single address space and appear together in a single
overlay. Either of the traditional commands used to access (enter) the Autoselect (ID) or CFI overlay will cause the now combined
ID-CFI address map to appear.
The ID-CFI address map appears within, and overlays the Flash Array data of, the sector selected by the address used in the ID-CFI
enter command. While the ID-CFI ASO is entered the content of all other sectors is undefined.
The ID-CFI address map starts at location 0 of the selected sector. Locations above the maximum defined address of the ID-CFI
ASO to the maximum address of the selected sector have undefined data. The ID-CFI enter commands use the same address and
data values used on previous generation memories to access the JEDEC Manufacturer ID (Autoselect) and Common Flash
Interface (CFI) information, respectively. See Figure 11.16 on page 87 for ASO Entry timing requirements.
For the complete address map see Table7.2 onpage58.
Table 2.4 S29GL128S Sector and Memory Address Map
Sector Size (kbyte)
Sector Count
Sector Range
Address Range
(16-Bit)
Notes
128
128
SA00
0000000h–000FFFFh
Sector Starting Address
::
–
SA127
07F0000h–07FFFFFh
Sector Ending Address
Table 2.5 ID-CFI Address Map Overview
Word Address
Description
Read / Write
(SA) + 0000h to 000Fh
Device ID
(traditional Autoselect values)
Read Only
(SA) + 0010h to 0079h
CFI data structure
Read Only
(SA) + 0080h to FFFFh
Undefined
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com