Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # S29GL01GS
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button S29GL01GS Datasheet HTML 5Page - Cypress Semiconductor S29GL01GS Datasheet HTML 6Page - Cypress Semiconductor S29GL01GS Datasheet HTML 7Page - Cypress Semiconductor S29GL01GS Datasheet HTML 8Page - Cypress Semiconductor S29GL01GS Datasheet HTML 9Page - Cypress Semiconductor S29GL01GS Datasheet HTML 10Page - Cypress Semiconductor S29GL01GS Datasheet HTML 11Page - Cypress Semiconductor S29GL01GS Datasheet HTML 12Page - Cypress Semiconductor S29GL01GS Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 9 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
2.3
Device ID and Common Flash Interface (ID-CFI) ASO Map — Automotive Only
Fab Lot # + Wafer # + Die X Coordinate + Die Y Coordinate gives a unique ID for each device.
2.3.1
Device ID
The Joint Electron Device Engineering Council (JEDEC) standard JEP106T defines the manufacturer ID for a compliant memory.
Common industry usage defined a method and format for reading the manufacturer ID and a device specific ID from a memory
device. The manufacturer and device ID information is primarily intended for programming equipment to automatically match a
device with the corresponding programming algorithm. Cypress has added additional fields within this 32-byte address space.
The original industry format was structured to work with any memory data bus width e. g. ×8, ×16, ×32. The ID code values are
traditionally byte wide but are located at bus width address boundaries such that incrementing the device address inputs will read
successive byte, word, or double word locations with the ID codes always located in the least significant byte location of the data
bus. Because the device data bus is word wide each code byte is located in the lower half of each word location. The original
industry format made the high order byte always 0. Cypress has modified the format to use both bytes in some words of the address
space. For the detail description of the Device ID address map see Table 7.2 on page 58.
2.3.2
Common Flash Memory Interface
The JEDEC Common Flash Interface (CFI) specification (JESD68.01) defines a standardized data structure that may be read from a
flash memory device, which allows vendor-specified software algorithms to be used for entire families of devices. The data structure
contains information for system configuration such as various electrical and timing parameters, and special functions supported by
the device. Software support can then be device-independent, Device ID-independent, and forward-and-backward-compatible for
entire Flash device families.
The system can read CFI information at the addresses within the selected sector as shown in Device ID and Common Flash
Interface (ID-CFI) ASO Map on page 58.
Like the Device ID information, CFI information is structured to work with any memory data bus width e. g. ×8, ×16, ×32. The code
values are always byte wide but are located at data bus width address boundaries such that incrementing the device address reads
successive byte, word, or double word locations with the codes always located in the least significant byte location of the data bus.
Because the data bus is word wide each code byte is located in the lower half of each word location and the high order byte is
always 0.
For further information, please refer to the Cypress CFI Specification, Version 1.4 (or later), and the JEDEC publications JEP137-A
and JESD68.01
. Please contact JEDEC (http://www.jedec.org) for their standards and the Cypress CFI Specification may be found
at the Cypress Website (http://www.cypress.com/cypressappnotes) at the time of this document’s publication), or contact the local
Cypress sales office listed in the website.
Word Address
Data Field
# of bytes
Data Format
Example of
Actual Data
Hex Read Out of Example
Data
(SA) + 0080h
Size of Electronic
Marking
1
Hex
19
0013h
(SA) + 0081h
Revision of Electronic
Marking
1
Hex
1
0001h
(SA) + 0082h
Fab Lot #
7
Ascii
LD87270
004Ch, 0044h, 0038h, 0037h,
0032h, 0037h, 0030h
(SA) + 0089h
Wafer #
1
Hex
23
0017h
(SA) + 008Ah
Die X Coordinate
1
Hex
10
000Ah
(SA) + 008Bh
Die Y Coordinate
1
Hex
15
000Fh
(SA) + 008Ch
Class Lot #
7
Ascii
BR33150
0042h, 0052h, 0033h, 0033h,
0031h, 0035h, 0030h
(SA) + 0093h
Reserved for Future
13
n/a
n/a
undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com