Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9016K2M Datasheet(PDF) 28 Page - ESS Technology,Inc

Part # ES9016K2M
Description  Ultra 32-bit Stereo Low Power Audio DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016K2M Datasheet(HTML) 28 Page - ESS Technology,Inc

Back Button ES9016K2M Datasheet HTML 24Page - ESS Technology,Inc ES9016K2M Datasheet HTML 25Page - ESS Technology,Inc ES9016K2M Datasheet HTML 26Page - ESS Technology,Inc ES9016K2M Datasheet HTML 27Page - ESS Technology,Inc ES9016K2M Datasheet HTML 28Page - ESS Technology,Inc ES9016K2M Datasheet HTML 29Page - ESS Technology,Inc ES9016K2M Datasheet HTML 30Page - ESS Technology,Inc ES9016K2M Datasheet HTML 31Page - ESS Technology,Inc ES9016K2M Datasheet HTML 32Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
3.2
March 26, 2021
ES9016K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • www.esstech.com
28
ANALOG PERFORMANCE
Test Conditions (unless otherwise stated)
1. TA = 25oC, AVCCDAC = VCCA = DVCC = 3.3V, internal DVDD with 4.7F ±20% decoupling, fs = 44.1kHz, MCLK = 27MHz & 32-bit data
2. SNR/DNR: A-weighted over 20Hz-20kHz in averaging mode
THD+N: un-weighted over 20Hz-20kHz bandwidth
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
32
Bits
MCLK (PCM normal mode)
Note *3
192FSR
Note *2
Hz
MCLK (PCM OSF bypass mode)
24FSR
MCLK (DSD mode)
3FSR
MCLK (SPDIF mode)
386FSR
DYNAMIC PERFORMANCE
DNR (differential current mode)
–60dBFS
122
dB-A
THD+N (differential current mode)
0dBFS
–110
dB
ANALOG OUTPUT
Differential (+ or
–) voltage out range
(Note *4)
Full-scale out
3.05
(0.924 x AVCCDAC)
Vp-p
Differential (+ or
–) voltage out offset
(Note *4)
Bipolar zero out
1.65
(AVCCDAC / 2)
V
Differential (+ or
–) current out range
(Notes *1, *4)
Full-scale out
3.784
mAp-p
Differential (+ or
–) current out offset
(Notes *1, *4)
Bipolar zero out
to virtual ground
at voltage Vg (V)
2.047
– (1000 x Vg) /
806
mA
Digital Filter Performance
De-emphasis error
0.2
dB
Mute Attenuation
127
dB
PCM Filter Characteristics (Sharp Roll Off)
Pass band
0.003dB
0.454fs
Hz
–3dB
0.49fs
Hz
Stop band
<
–115dB
0.546fs
Hz
Group Delay
35 / fs
s
PCM Filter Characteristics (Slow Roll Off)
Pass band
0.05dB
0.308fs
Hz
–3dB
0.454fs
Hz
Stop band
<
–100dB
0.814fs
Hz
Group Delay
6.25 / fs
s
PCM Filter Characteristics (Minimum Phase)
Pass band
0.003dB
0.454fs
Hz
–3dB
0.49fs
Hz
Stop band
<
–115dB
0.546fs
Hz
Notes:
*1. Differential (+ or
–) current output is equivalent to a differential (+ or –) voltage source in series with an 806
 11%
resistor. The differential (+ or
–) voltage source has a peak-to-peak output range of 0.924 x AVCCDAC = 3.05V and
an output offset of AVCCDAC / 2 = 1.65V.
*2. With internal DVDD, maximum MCLK frequency is 50MHz (DVCC = 1.8V), or 100MHz (DVCC = 3.3V) with an
external +1.3V DVDD supply.
*3. Synchronous MCLK at 128 x FSR is also supported.
*4. Values are valid for AVCCDAC = 3.3V. For AVCCDAC = 1.8V, formulas should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com